Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMAJ
Description  TRANSIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMAJ Datasheet(HTML) 3 Page - STMicroelectronics

  SMAJ Datasheet HTML 1Page - STMicroelectronics SMAJ Datasheet HTML 2Page - STMicroelectronics SMAJ Datasheet HTML 3Page - STMicroelectronics SMAJ Datasheet HTML 4Page - STMicroelectronics SMAJ Datasheet HTML 5Page - STMicroelectronics SMAJ Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMAJ
3/6
Figure 1: Pulse waveform (10/1000µs)
Figure 2: Peak power dissipation versus initial
junction temperature
Figure 3: Peak pulse power versus exponential
pulse duration (Tj initial=25°C)
Figure 4: Clamping voltage versus peak pulse
current (Tj initial=25°C)
Exponential waveform tp=20ms & tp=1ms
Figure 5: Capacitance versus reverse applied
voltage (typical values) (SMAJxxA)
Figure 6: Capacitance versus reverse applied
voltage (typical values) (SMAJxxCA)
0
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Ppp[Tj initial]/Ppp[Tj initial=25°C]
Tj initial(°C)
0.01
0.10
1.00
10.00
100
1000
5000
Ppp(W)
tp(ms)
1
10
100
500
0.1
1.0
10.0
100.0
200.0
Ipp(A)
tp = 20 µs
tp = 1 ms
tp=1ms
SMAJ5.0A,CA
SMAJ188A,CA
SMAJ58A,CA
SMAJ26A,CA
SMAJ13A,CA
V(V)
CL
1
10
100 200
10
100
1000
5000
C(pF)
F=1MHz
SMAJ5.0A
SMAJ188A
SMAJ58A
SMAJ26A
SMAJ13A
V(V)
R
1
10
100
200
1
10
100
1000
2000
F=1MHz
SMAJ5.0CA
SMAJ188CA
SMAJ58CA
SMAJ26CA
SMAJ13CA
C(pF)
V(V)
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com