Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMAJ
Description  TRANSIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMAJ Datasheet(HTML) 4 Page - STMicroelectronics

  SMAJ Datasheet HTML 1Page - STMicroelectronics SMAJ Datasheet HTML 2Page - STMicroelectronics SMAJ Datasheet HTML 3Page - STMicroelectronics SMAJ Datasheet HTML 4Page - STMicroelectronics SMAJ Datasheet HTML 5Page - STMicroelectronics SMAJ Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMAJ
4/6
Figure 11: Ordering Information Scheme
Figure 7: Peak forward voltage drop versus
peak forward current (typical values)
Figure
8:
Relative
variation
of
thermal
impedance junction to ambient versus pulse
duration
Figure 9: Thermal resistance junction to
ambient versus copper surface under each
lead (printed circuit board FR4 e(Cu)=35µm)
Figure 10: Relative variation of leakage current
versus junction temperature
0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
0.01
0.10
1.00
10.00
I
(A)
FM
Tj=25°C
Tj=125°C
V
(V)
FM
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
Zth(j-a)/Rth(j-a)
tp(s)
0
1
234
5
40
50
60
70
80
90
100
110
120
130
140
Rth(j-a) (°C/W)
S(Cu)(cm²)
0
25
50
75
100
125
150
1E-1
1E+0
1E+1
1E+2
1E+3
2E+3
I [Tj] / I [Tj=25°C]
RR
V
< 8.5V
BR
Tj(°C)
V
8.5V
BR
≥
SM
A
J
85
CA
-
TR
Surface Mount
Peak Pulse Power
Stand off voltage
Type
Packaging
A = 400 W
85 = 85 V
A = Unidirectinal
CA = Bidirectional
TR = Tape & reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com