Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962M Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4962M_07 Datasheet HTML 9Page - STMicroelectronics TS4962M_07 Datasheet HTML 10Page - STMicroelectronics TS4962M_07 Datasheet HTML 11Page - STMicroelectronics TS4962M_07 Datasheet HTML 12Page - STMicroelectronics TS4962M_07 Datasheet HTML 13Page - STMicroelectronics TS4962M_07 Datasheet HTML 14Page - STMicroelectronics TS4962M_07 Datasheet HTML 15Page - STMicroelectronics TS4962M_07 Datasheet HTML 16Page - STMicroelectronics TS4962M_07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
TS4962M
Electrical characteristics
13/41
Table 8.
VCC = +2.5V, GND = 0V, VIC = 2.5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.7
2.4
mA
ISTBY
Standby current (1)
No input signal, VSTBY = GND
10
1000
nA
VOO
Output offset voltage
No input signal, RL =8Ω
325
mV
Pout
Output power
G=6dB
THD = 1% max, F = 1kHz, RL =4Ω
THD = 10% max, F = 1kHz, RL =4Ω
THD = 1% max, F = 1kHz, RL =8Ω
THD = 10% max, F = 1kHz, RL =8Ω
0.52
0.71
0.33
0.42
W
THD + N
Total harmonic
distortion + noise
Pout = 200mWRMS, G = 6dB, 20Hz < F< 20kHz
RL =8Ω + 15µH, BW < 30kHz
Pout = 200WRMS, G = 6dB, F = 1kHz,
RL =8Ω + 15µH, BW < 30kHz
1
0.19
%
Efficiency Efficiency
Pout =0.47WRMS, RL =4Ω +≥ 15µH
Pout =0.3WRMS, RL =8Ω+≥ 15µH
78
88
%
PSRR
Power supply
rejection ratio with
inputs grounded (2)
F = 217Hz, RL =8Ω, G=6dB,
Vripple = 200mVpp
60
dB
CMRR
Common mode
rejection ratio
F = 217Hz, RL =8Ω, G= 6dB,
ΔVicm = 200mVpp
54
dB
Gain
Gain value
Rin in kΩ
V/V
RSTBY
Internal resistance
from Standby to GND
273
300
327
k
Ω
FPWM
Pulse width modulator
base frequency
180
250
320
kHz
SNR
Signal to noise ratio
A-weighting, Pout = 1.2W, RL =8Ω
80
dB
tWU
Wake-up time
5
10
ms
tSTBY
Standby time
5
10
ms
273k
Ω
R
in
-----------------
300k
Ω
R
in
-----------------
327k
Ω
R
in
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com