Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962M Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4962M_07 Datasheet HTML 16Page - STMicroelectronics TS4962M_07 Datasheet HTML 17Page - STMicroelectronics TS4962M_07 Datasheet HTML 18Page - STMicroelectronics TS4962M_07 Datasheet HTML 19Page - STMicroelectronics TS4962M_07 Datasheet HTML 20Page - STMicroelectronics TS4962M_07 Datasheet HTML 21Page - STMicroelectronics TS4962M_07 Datasheet HTML 22Page - STMicroelectronics TS4962M_07 Datasheet HTML 23Page - STMicroelectronics TS4962M_07 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Electrical characteristic curves
TS4962M
20/41
Figure 22.
CMRR vs. frequency
Figure 23.
CMRR vs. frequency
100
1000
10000
-60
-40
-20
0
Vcc=5V, 3.6V, 2.5V
RL=4
Ω + 30μH
G=6dB
ΔVicm=200mVpp
ΔR/R≤0.1%
Cin=4.7
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
-60
-40
-20
0
Vcc=5V, 3.6V, 2.5V
RL=4
Ω + Filter
G=6dB
ΔVicm=200mVpp
ΔR/R≤0.1%
Cin=4.7
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
Figure 24.
CMRR vs. frequency
Figure 25.
CMRR vs. frequency
100
1000
10000
-60
-40
-20
0
Vcc=5V, 3.6V, 2.5V
RL=8
Ω + 15μH
G=6dB
ΔVicm=200mVpp
ΔR/R≤0.1%
Cin=4.7
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
-60
-40
-20
0
Vcc=5V, 3.6V, 2.5V
RL=8
Ω + 30μH
G=6dB
ΔVicm=200mVpp
ΔR/R≤0.1%
Cin=4.7
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
Figure 26.
CMRR vs. frequency
Figure 27.
CMRR vs. common mode input
voltage
100
1000
10000
-60
-40
-20
0
Vcc=5V, 3.6V, 2.5V
RL=8
Ω + Filter
G=6dB
ΔVicm=200mVpp
ΔR/R≤0.1%
Cin=4.7
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-70
-60
-50
-40
-30
-20
Vcc=3.6V
Vcc=2.5V
Vcc=5V
ΔVicm = 200mVpp
F = 217Hz
G = 6dB
RL
≥ 4Ω + ≥ 15μH
Tamb = 25
°C
Common Mode Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com