Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962M Datasheet(PDF) 37 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TS4962M_07 Datasheet HTML 33Page - STMicroelectronics TS4962M_07 Datasheet HTML 34Page - STMicroelectronics TS4962M_07 Datasheet HTML 35Page - STMicroelectronics TS4962M_07 Datasheet HTML 36Page - STMicroelectronics TS4962M_07 Datasheet HTML 37Page - STMicroelectronics TS4962M_07 Datasheet HTML 38Page - STMicroelectronics TS4962M_07 Datasheet HTML 39Page - STMicroelectronics TS4962M_07 Datasheet HTML 40Page - STMicroelectronics TS4962M_07 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
TS4962M
Footprint recommendations
37/41
7
Footprint recommendations
Figure 71.
Footprint recommendations
Pad in Cu 18
μm with Flash NiAu (2-6μm, 0.2μm max.)
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm typ.
75µm min.
100
μm max.
Track
Non Solder mask opening
Φ=340μm min.
Pad in Cu 18
μm with Flash NiAu (2-6μm, 0.2μm max.)
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm typ.
75µm min.
100
μm max.
Track
Non Solder mask opening
Φ=340μm min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com