Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962M Datasheet(PDF) 33 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TS4962M_07 Datasheet HTML 29Page - STMicroelectronics TS4962M_07 Datasheet HTML 30Page - STMicroelectronics TS4962M_07 Datasheet HTML 31Page - STMicroelectronics TS4962M_07 Datasheet HTML 32Page - STMicroelectronics TS4962M_07 Datasheet HTML 33Page - STMicroelectronics TS4962M_07 Datasheet HTML 34Page - STMicroelectronics TS4962M_07 Datasheet HTML 35Page - STMicroelectronics TS4962M_07 Datasheet HTML 36Page - STMicroelectronics TS4962M_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
TS4962M
Application information
33/41
In the case where the distance between the TS4962M outputs and speaker terminals is
high, it is possible to have low frequency EMI issues due to the fact that the typical operating
frequency is 250kHz. In this configuration, we recommend using an output filter (as shown
in Figure 1: Typical application schematics on page 4). It should be placed as close as
possible to the device.
5.11
Different examples with summed inputs
Example 1: Dual differential inputs
Figure 64.
Typical application schematic with dual differential inputs
With (Ri in kΩ):
R1
R1
Cs
1u
GND
GND
Vcc
SPEAKER
Standby
R2
R2
E1+
E1-
E2-
E2+
In-
Stdby
In+
Out-
Out+
Vcc
C2
C1
A1
A2
A3
B1
B2
B3
C3
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
TS4962
A
V
1
Out
+
Out
-
–
E
1
+
E
1
-
–
-------------------------------
300
R
1
----------
==
A
V
2
Out
+
Out
-
–
E
2
+
E
2
-
–
-------------------------------
300
R
2
----------
==
0.5V
V
CC
R
1
×
R
2
300
V
IC1
R
2
V
IC2
+
×
R
1
×
()
×
+
×
300
R
1
R
2
+
() 2R
1
×
R
2
×
+
×
--------------------------------------------------------------------------------------------------------------------------------
V
CC
0.8V
–
≤≤
V
IC
1
E
1
+
E
1
-
+
2
------------------------
=
and V
IC
2
E
2
+
E
2
-
+
2
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com