Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320DB Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29W320DB
Description  32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320DB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29W320DB Datasheet HTML 7Page - STMicroelectronics M29W320DB Datasheet HTML 8Page - STMicroelectronics M29W320DB Datasheet HTML 9Page - STMicroelectronics M29W320DB Datasheet HTML 10Page - STMicroelectronics M29W320DB Datasheet HTML 11Page - STMicroelectronics M29W320DB Datasheet HTML 12Page - STMicroelectronics M29W320DB Datasheet HTML 13Page - STMicroelectronics M29W320DB Datasheet HTML 14Page - STMicroelectronics M29W320DB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
M29W320DT, M29W320DB
Summary description
11/56
Figure 5.
Block Addresses (x16)
1.
Also see Appendix Appendix A: Block Addresses, Table 19 and Table 20 for a full listing of the Block Addresses.
AI90193
8 KWord
1FFFFFh
1FE000h
32 KWord
00FFFFh
008000h
32 KWord
007FFFh
000000h
M29W320DT
Top Boot Block Addresses (x16)
16 KWord
1FBFFFh
1F8000h
32 KWord
1F0000h
1F7FFFh
Total of 63
32 KWord Blocks
8 KWord
1FFFFFh
1F8000h
32 KWord
32 KWord
001FFFh
000000h
M29W320DB
Bottom Boot Block Addresses (x16)
16 KWord
1F7FFFh
00FFFFh
32 KWord
1F0000h
008000h
Total of 63
32 KWord Blocks
007FFFh
004000h
4 KWord
4 KWord
1FDFFFh
1FD000h
1FCFFFh
1FC000h
4 KWord
4 KWord
003FFFh
003000h
002FFFh
002000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com