Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320DB Datasheet(PDF) 54 Page - STMicroelectronics

Part # M29W320DB
Description  32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320DB Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M29W320DB Datasheet HTML 48Page - STMicroelectronics M29W320DB Datasheet HTML 49Page - STMicroelectronics M29W320DB Datasheet HTML 50Page - STMicroelectronics M29W320DB Datasheet HTML 51Page - STMicroelectronics M29W320DB Datasheet HTML 52Page - STMicroelectronics M29W320DB Datasheet HTML 53Page - STMicroelectronics M29W320DB Datasheet HTML 54Page - STMicroelectronics M29W320DB Datasheet HTML 55Page - STMicroelectronics M29W320DB Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
Revision history
M29W320DT, M29W320DB
54/56
10
Revision history
Table 28.
Document revision history
Date
Revision
Changes
March-2001
-01
First Issue (Brief Data)
08-Jun-2001
-02
Document expanded to full Product Preview
22-Jun-2001
-03
Minor text corrections to Read/Reset and Read CFI commands and
Status Register Error and Toggle Bits.
27-Jul-2001
-04
Document type: from Product Preview to Preliminary Data
TFBGA connections and Block Addresses (x16) diagrams
clarification
Write Protect and Block Unprotect clarification
CFI Primary Algorithm table, Block Protection change
05-Oct-2001
-05
Added Block Protection Appendix
“Write Protect/VPP” pin renamed to “VPP/Write Protect” to be
consistent with abbreviation. Changes to the VPP/WP pin description,
Figure 13 and Table 15. IPP added to Table 11 and ICC3 clarified.
Modified description of VPP/WP operation in Unlock Bypass
Command section. Added VPP/WP decoupling capacitor to Figure
Figure 1.
Clarified Read/Reset operation during Erase Suspend.
07-Feb-2002
-06
TFBGA package changed from 48 ball to 63 ball
05-Apr-2002
-07
Description of Ready/Busy signal clarified (and Figure 12 modified)
Clarified allowable commands during block erase
Clarified the mode the device returns to in the CFI Read Query
command section
19-Nov-2002
7.1
Erase Suspend Latency Time (typical and maximum) added to
Program, Erase Times and Program, Erase Endurance Cycles table.
Typical values added for Icc1 and Icc2 in DC characteristics table.
Logic Diagram and Data Toggle Flowchart corrected.
Revision numbering modified: a minor revision will be indicated by
incrementing the digit after the dot, and a major revision, by
incrementing the digit before the dot (revision version 07 equals 7.0).
Document promoted to full datasheet.
26-May-2003
7.2
Data Retention added to Table 6: Program, Erase Times and
Program, Erase Endurance Cycles, and Typical after 100k W/E
Cycles column removed. TSOP48 package mechanical updated.
Lead-free package options E and F added to Table 18: Ordering
Information Scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com