Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320DB Datasheet(PDF) 40 Page - STMicroelectronics

Part # M29W320DB
Description  32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320DB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M29W320DB Datasheet HTML 36Page - STMicroelectronics M29W320DB Datasheet HTML 37Page - STMicroelectronics M29W320DB Datasheet HTML 38Page - STMicroelectronics M29W320DB Datasheet HTML 39Page - STMicroelectronics M29W320DB Datasheet HTML 40Page - STMicroelectronics M29W320DB Datasheet HTML 41Page - STMicroelectronics M29W320DB Datasheet HTML 42Page - STMicroelectronics M29W320DB Datasheet HTML 43Page - STMicroelectronics M29W320DB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Block Addresses
M29W320DT, M29W320DB
40/56
Appendix A
Block Addresses
Table 19.
Top Boot Block Addresses, M29W320DT
#
Size
(KByte/KWor
d)
Address Range
(x8)
Address Range
(x16)
66
16/8
3FC000h-3FFFFFh
1FE000h-1FFFFFh
65
8/4
3FA000h-3FBFFFh
1FD000h-1FDFFFh
64
8/4
3F8000h-3F9FFFh
1FC000h-1FCFFFh
63
32/16
3F0000h-3F7FFFh
1F8000h-1FBFFFh
62
64/32
3E0000h-3EFFFFh
1F0000h-1F7FFFh
61
64/32
3D0000h-3DFFFFh
1E8000h-1EFFFFh
60
64/32
3C0000h-3CFFFFh
1E0000h-1E7FFFh
59
64/32
3B0000h-3BFFFFh
1D8000h-1DFFFFh
58
64/32
3A0000h-3AFFFFh
1D0000h-1D7FFFh
57
64/32
390000h-39FFFFh
1C8000h-1CFFFFh
56
64/32
380000h-18FFFFh
1C0000h-1C7FFFh
55
64/32
370000h-37FFFFh
1B8000h-1BFFFFh
54
64/32
360000h-36FFFFh
1B0000h-1B7FFFh
53
64/32
350000h-35FFFFh
1A8000h-1AFFFFh
52
64/32
340000h-34FFFFh
1A0000h-1A7FFFh
51
64/32
330000h-33FFFFh
198000h-19FFFFh
50
64/32
320000h-32FFFFh
190000h-197FFFh
49
64/32
310000h-31FFFFh
188000h-18FFFFh
48
64/32
300000h-30FFFFh
180000h-187FFFh
47
64/32
2F0000h-2FFFFFh
178000h-17FFFFh
46
64/32
2E0000h-2EFFFFh
170000h-177FFFh
45
64/32
2D0000h-2DFFFFh
168000h-16FFFFh
44
64/32
2C0000h-2CFFFFh
160000h-167FFFh
43
64/32
2B0000h-2BFFFFh
158000h-15FFFFh
42
64/32
2A0000h-2AFFFFh
150000h-157FFFh
41
64/32
290000h-29FFFFh
148000h-14FFFFh
40
64/32
280000h-28FFFFh
140000h-147FFFh
39
64/32
270000h-27FFFFh
138000h-13FFFFh
38
64/32
260000h-26FFFFh
130000h-137FFFh
37
64/32
250000h-25FFFFh
128000h-12FFFFh
36
64/32
240000h-24FFFFh
120000h-127FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com