Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320DB Datasheet(PDF) 41 Page - STMicroelectronics

Part # M29W320DB
Description  32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320DB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M29W320DB Datasheet HTML 37Page - STMicroelectronics M29W320DB Datasheet HTML 38Page - STMicroelectronics M29W320DB Datasheet HTML 39Page - STMicroelectronics M29W320DB Datasheet HTML 40Page - STMicroelectronics M29W320DB Datasheet HTML 41Page - STMicroelectronics M29W320DB Datasheet HTML 42Page - STMicroelectronics M29W320DB Datasheet HTML 43Page - STMicroelectronics M29W320DB Datasheet HTML 44Page - STMicroelectronics M29W320DB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
M29W320DT, M29W320DB
Block Addresses
41/56
35
64/32
230000h-23FFFFh
118000h-11FFFFh
34
64/32
220000h-22FFFFh
110000h-117FFFh
33
64/32
210000h-21FFFFh
108000h-10FFFFh
32
64/32
200000h-20FFFFh
100000h-107FFFh
31
64/32
1F0000h-1FFFFFh
0F8000h-0FBFFFh
30
64/32
1E0000h-1EFFFFh
0F0000h-0F7FFFh
29
64/32
1D0000h-1DFFFFh
0E8000h-0EFFFFh
28
64/32
1C0000h-1CFFFFh
0E0000h-0E7FFFh
27
64/32
1B0000h-1BFFFFh
0D8000h-0DFFFFh
26
64/32
1A0000h-1AFFFFh
0D0000h-0D7FFFh
25
64/32
190000h-19FFFFh
0C8000h-0CFFFFh
24
64/32
180000h-18FFFFh
0C0000h-0C7FFFh
23
64/32
170000h-17FFFFh
0B8000h-0BFFFFh
22
64/32
160000h-16FFFFh
0B0000h-0B7FFFh
21
64/32
150000h-15FFFFh
0A8000h-0AFFFFh
20
64/32
140000h-14FFFFh
0A0000h-0A7FFFh
19
64/32
130000h-13FFFFh
098000h-09FFFFh
18
64/32
120000h-12FFFFh
090000h-097FFFh
17
64/32
110000h-11FFFFh
088000h-08FFFFh
16
64/32
100000h-10FFFFh
080000h-087FFFh
15
64/32
0F0000h-0FFFFFh
078000h-07FFFFh
14
64/32
0E0000h-0EFFFFh
070000h-077FFFh
13
64/32
0D0000h-0DFFFFh
068000h-06FFFFh
12
64/32
0C0000h-0CFFFFh
060000h-067FFFh
11
64/32
0B0000h-0BFFFFh
058000h-05FFFFh
10
64/32
0A0000h-0AFFFFh
050000h-057FFFh
9
64/32
090000h-09FFFFh
048000h-04FFFFh
8
64/32
080000h-08FFFFh
040000h-047FFFh
7
64/32
070000h-07FFFFh
038000h-03FFFFh
6
64/32
060000h-06FFFFh
030000h-037FFFh
5
64/32
050000h-05FFFFh
028000h-02FFFFh
4
64/32
040000h-04FFFFh
020000h-027FFFh
3
64/32
030000h-03FFFFh
018000h-01FFFFh
2
64/32
020000h-02FFFFh
010000h-017FFFh
1
64/32
010000h-01FFFFh
008000h-00FFFFh
0
64/32
000000h-00FFFFh
000000h-007FFFh
Table 19.
Top Boot Block Addresses, M29W320DT (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com