Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3488 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M3488
Description  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488 Datasheet(HTML) 1 Page - STMicroelectronics

  M3488 Datasheet HTML 1Page - STMicroelectronics M3488 Datasheet HTML 2Page - STMicroelectronics M3488 Datasheet HTML 3Page - STMicroelectronics M3488 Datasheet HTML 4Page - STMicroelectronics M3488 Datasheet HTML 5Page - STMicroelectronics M3488 Datasheet HTML 6Page - STMicroelectronics M3488 Datasheet HTML 7Page - STMicroelectronics M3488 Datasheet HTML 8Page - STMicroelectronics M3488 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
M3488
November 1994
256 x 256 DIGITAL SWITCHING MATRIX
PREL IMINARY DATA
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
.
256 INPUT AND 256 OUTPUT CHANNEL
CMOS DIGITAL SWITCHING MATRIX COM-
PATIBLE WITH M088
.
BUILDING BLOCK DESIGNED FOR LARGE
CAPACITY ELECTRONIC EXCHANGES, SUB-
SYSTEMS AND PABX
.
NO EXTRA PIN NEEDED FOR NOT-BLOCK-
ING SINGLE STAGE AND HIGHER CAPACITY
SYNTHESIS BLOCKS (512 or 1024 channels)
.
EUROPEAN TELEPHONE STANDARD COM-
PATIBLE (32 serial channels per frame)
.
PCM INPUTS AND OUTPUTS MUTUALLY
COMPATIBLE
.
ACTUAL INPUT-OUTPUT CHANNEL CON-
NECTIONS STORED AND MODIFIED VIA AN
ON CHIP 8-BIT PARALLEL MICROPROCES-
SOR INTERFACE
.
TYPICAL BIT RATE : 2Mbit/s
.
TYPICAL SYNCHRONIZATION RATE : 8KHz
(time frame is 125
µs)
.
5V P0WER SUPPLY
.
CMOS & TTL INPUT/OUTPUT LEVELS COM-
PATIBLE
.
HIGH DENSITY ADVANCED 1.2
µmHCMOS3
PROCESS
Main instructions controlled by the microproc-
essor interface
.
CHANNEL CONNECTION/DISCONNECTION
.
OUTPUT CHANNEL DISCONNECTION
.
INSERTION OF A BYTE ON A PCM OUTPUT
CHANNEL/DISCONNECTION
.
TRANSFER TO THE MICROPROCESSOR OF
A SINGLE PCM OUTPUT CHANNEL SAMPLE
.
TRANSFER TO THE MICROPROCESSOR OF
A SINGLE OUTPUT CHANNEL CONTROL
WORD
.
TRANSFER TO THE MICROPROCESSOR OF
A SELECTED 0 CHANNEL PCM INPUT DATA
DIP40
PQFP44
ORDERING NUMBERS:
M3488B1
M3488Q1
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Test Conditions
Unit
VCC
Supply Voltage
-0.3 to 7
V
VI
Input Voltage
-0.3 to VCC+0.3
V
VO
Off State Output Voltage
-0.3 to VCC+0.3
V
IO
Current at Digital Outputs
30
mA
Ptot
Total Package Power Dissipation
1.5
W
Tstg
Storage Temperature Range
-65 to 150
°C
Top
Operating Temperature Range
0 to 70
°C
Stresses above those l isted under ” Absolute Maximum Ratings” may cause permanent damage to the devi ce. This is a stress
rati ngs onl y and functional operation of the device at these or any other conditions above those indicated in the operating con-
di tions of this specificati on is not implied. Exposure to absolute maximum rating condi tio ns for extended periods may affect devi ce
reliabili ty.
1/18


Similar Part No. - M3488

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
M34808-4 VBSEMI-M34808-4 Datasheet
984Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
M3481 ETC1-M3481 Datasheet
24Kb / 4P
UM348x Multi-Instrument Melody Generator
M3482 ETC1-M3482 Datasheet
24Kb / 4P
UM348x Multi-Instrument Melody Generator
logo
RAF ELECTRONIC HARDWARE
M3483-SS RAF-M3483-SS Datasheet
133Kb / 1P
PLAIN THUMB SCREWS
logo
List of Unclassifed Man...
M3485 ETC1-M3485 Datasheet
24Kb / 4P
UM348x Multi-Instrument Melody Generator
More results

Similar Description - M3488

ManufacturerPart #DatasheetDescription
logo
Sames
SA3488 SAMES-SA3488 Datasheet
108Kb / 20P
CMOS 256 X 256 DIGITAL SWITCHING MATRIX
logo
Integrated Device Techn...
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
National Instruments Co...
NIPXI-2533 NI-NIPXI-2533 Datasheet
175Kb / 4P
256-Crosspoint SSR Matrix Modules
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8985 RENESAS-IDT72V8985 Datasheet
322Kb / 15P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com