Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3488 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M3488
Description  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488 Datasheet(HTML) 5 Page - STMicroelectronics

  M3488 Datasheet HTML 1Page - STMicroelectronics M3488 Datasheet HTML 2Page - STMicroelectronics M3488 Datasheet HTML 3Page - STMicroelectronics M3488 Datasheet HTML 4Page - STMicroelectronics M3488 Datasheet HTML 5Page - STMicroelectronics M3488 Datasheet HTML 6Page - STMicroelectronics M3488 Datasheet HTML 7Page - STMicroelectronics M3488 Datasheet HTML 8Page - STMicroelectronics M3488 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.75 to 5.25
V
Vi
Input Voltage
0 to 5.25
V
VO
Off State Input Voltage
0 to 5.25
V
CLOCK
Freq.
Input Clock Frequency
4.096
MHz
SYNC Freq. Input Synchronization Frequency
8
KHz
Top
Operating Temperature
0 to 70
°C
CAPACITANCES (measurement freq. = 1MHz; Top = 0 to 70
°C; unused pins tied to VSS)
Symbol
Parameter
Pins (*)
Min.
Typ.
Max.
Unit
CI
Input Capacitance
6 to 15; 26 to 30; 32 to 36
5
pF
CI/O
I/O Capacitance
20 to 24
15
pF
CO
Output Capacitance
1 to 4; 17 to 19; 25; 37 to 40
10
pF
D.C. ELECTRICAL CHARACTERISTICS (Tamb = 0 to 70
°C, VCC =5V ±5%)
All D.C. characteristics are valid 250
µs after VCC and clock have been applied.
Symbol
Parameter
Pins (*)
Test Condition
Min.
Typ.
Max.
Unit
VILC
Clock Input Low Level
6
-0.3
0.8
V
VIHC
Clock Input High Level
6
2.4
VCC
V
VIL
Input Low Level
7 to 15
20 to 24
26 to 30
32 to 36
-0.3
0.8
V
VIH
Input High Level
7 to 15
20 to 24
26 to 30
32 to 36
2VCC
V
VOH
Output High Voltage (Level)
17 to 25
IOH = 5mA
2.4
V
IOH
Output High Current
VOH = 2.4V
5
mA
VOL
Output Low Voltage (Level)
1 to 4
37 to 40
17 to 25
IOL = 5mA
0.4
V
IOL
Output Low Current
VOL = 0.4V
5
mA
IIL
Input Leakage Current
6 to 15
26 to 30
32 to 36
VIN = 0 to VCC
5
µA
IDL
Data Bus Leakage Current
17 to 24
VIN = 0 to VCC
VCC applied; Pins 35
and 36 tied to VCC,
after Device Initialization
±5
µA
ICC
Supply Current
16
Clock Freq. = 4.096MHz
15
30
mA
(*) T he pi n number i s referred to the DIP 40 ver sion.
M3488
5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com