Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3488 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M3488
Description  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M3488 Datasheet HTML 7Page - STMicroelectronics M3488 Datasheet HTML 8Page - STMicroelectronics M3488 Datasheet HTML 9Page - STMicroelectronics M3488 Datasheet HTML 10Page - STMicroelectronics M3488 Datasheet HTML 11Page - STMicroelectronics M3488 Datasheet HTML 12Page - STMicroelectronics M3488 Datasheet HTML 13Page - STMicroelectronics M3488 Datasheet HTML 14Page - STMicroelectronics M3488 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PIN DESCRIPTION
D7 to D0
Data bus pins. The bidirectional bus is usedto trans-
fer data and instructions to/fromthe microprocessor.
D0 is the least significant digit. The output bus is 8
bits wide ; input is only 5 bits wide. (D4 to D0)
The bus is tristate and cannot be used while RESET
is held low.
The meaning of input data, such as bus or channel
numbers, and of expected output data is specified
in detail by the instruction description. (Pagg. 12-14)
C/D (pin 30)
Input control pin, select pin. In a write operation
C/D = 0 qualifies any bus content as data, while
C/D = 1 qualifies it as an opcode. In a read operation
OR1 is selected by C/D = 0, OR2 by C/D = 1.
A1, S1, A2, S2
Address select or match pins. In a multi-chip con-
figuration (e.g. a single stage matrix expansion), us-
ing the same CS pins, the match condition (A1 = S1
and A2 = S2) leaves the commandinstruction as de-
fined; on the contrary the mismatch condition modi-
fies the execution as follows : instructions 1 and 3
are reversed to channel disconnection, instruction 5
is unaffected, instructions 2-4-6 are cancelled (not
executed).
Bus reading takes place only on match condition,
instruction flow is in any case affected.
Eachpins couple is commutative : in a multichip con-
figuration pins S1 and S2 give a hard-wired address
selection for individual matrixes, while in single con-
figuration S1 and A1 or S2 and A2 are normally
tied together.
CS1, CS2
Commutative chip select pins. They enable the de-
vice to perform valid read/write operations (active
low). Two pins allow row/column selection with dif-
ferent types of microprocessors ; normally one is
tied to ground.
WR
Pin WR, when CS1 and CS2 are low, enables data
transfer from microprocessor to the device. Data or
opcode and controls are latched on WR rising edge.
Becauseof internal clock resynchronizationone sin-
gle additional requirement is recommended in order
to produce a simultaneous instruction execution in
a multichip configuration : WR rising edge has to be
20 to 20 + tWL(CK) nsec late relative to clock falling
edge.
RD
When CS1 and CS2 are low and match condition ex-
ists, a low level on RD enables a register OR1 or
OR2 read operation, through the bidirectional bus.
In addition, the rising edge of RD latches C/D and
the match condition pins in order to direct the inter-
nal flow of operations. Because of internal clock
resynchronization, one single additional require-
ment is recommended in order to produce a simul-
taneous instruction flow in a multichip configuration:
the RD rising edge has to be 20 to 20 + tWL(CK) nsec
late relative to clock falling edge.
DR
Data ready. Normally high, DR output pin goes low
to tell the microprocessor that :
a) the instruction code was found to be invalid ;
b) executing instruction 5 an active output channel
was found in the whole matrix array, that is a CM
word not all ”ones” was found in a configuration of
devices sharing the same CS pins ;
c) executing instruction 6 ”0 channel extraction” took
place and OR2 was loaded with total number of
messages inserted on 0 time slot.
DR is active low about two clock cycles in case b
and c ; in case a it is left low until a valid instruction
code is supplied.
RESET
RESET control pin is normally used at the very be-
ginning to initialize the device or the network. Any
logical status is reset and CM is set to all ”ones” after
RESET going low.
The internal initialization routine takes one time
frame whatever the RESET width on low level (mini-
mum one cycle roughly), but it is repeatedan integer
number of time frames as long as RESET is found
low during 0 time slot.
Initialization pulls the interface bus immediately to a
high impedance state. After the CM has been set to
all ”ones” the PCM output channels are also set to
high impedance state.
CLOCK
Input master clock. Typical frequency is 4.096MHz.
First division gives an internal clock controlling the
input and output channels bit rate.
SYNC
Input synchronization signal is active low. Typical
frequency is 8kHz.
M3488
11/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com