Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3488 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M3488
Description  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M3488 Datasheet HTML 9Page - STMicroelectronics M3488 Datasheet HTML 10Page - STMicroelectronics M3488 Datasheet HTML 11Page - STMicroelectronics M3488 Datasheet HTML 12Page - STMicroelectronics M3488 Datasheet HTML 13Page - STMicroelectronics M3488 Datasheet HTML 14Page - STMicroelectronics M3488 Datasheet HTML 15Page - STMicroelectronics M3488 Datasheet HTML 16Page - STMicroelectronics M3488 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
During a very long internal operation (device initiali-
zation after RESET going high or execution of in-
struction 6) a new set of data bytes with a valid op-
code is accepted while a wrong code is rejected. At
the end of the current routine execution takes place
in the same way as described before.
At the end of an instruction it is normally recom-
mended to read one or both registers. To exploit in-
struction 6, however, it is mandatory to read register
OR2. This is because instruction 6, used between
other short instructions of type 1 to 5, must have pri-
ority and can be enabled only after the short instruc-
tions have been completed. Instruction 6 normally
has a long process and a special flow which is de-
scribed below.
First a not-all-zero mask is stored in the ”expected
messages” register and in another ”background”
register. This operation starts the second phase of
instruction 6 which is called ”channel 0 extraction”
and is repeated at the beginning of any new time
frame.At the beginningof the time frame a new copy
of activated channels to be extracted is made from
the ”background register” and put in the ”expected
messages” register. In addition the latter register is
modified to indicate the exact number of messages
that have arrived. The term messages covers any
input 0 channeldata with starting sequencedifferent
from the label 01. So using this label the number of
expected messages can be reduced to correspond
to the number of effective messages. If and only if
the residual number is different from zero will the de-
vice start the extraction protocol at the end of the
current routine.
The procedureis as follows : the DR outputis pulsed
low as a two cycle interrupt request and OR2 is
loaded with the total number of active channels to
be extracted.
The transfer of OR2 content to the microprocessor
continues the extraction which consists of repeated
steps of OR1 and OR2 loading, indicating respec-
tively the message and the incoming bus number.
Reading the registers in the order OR1, OR2 must
be continued until completion or until the time frame
runs out.
With a new time frame a new extraction process be-
gins, resuming the copy operation from the back-
ground register.
During extraction the active channels are scanned
from the highest to the lowest number (from 7 to 0).
While extraction is being carried out the time interval
requirements between active rising edges of RD are
minimum 4 to 7 tCK for sequence OR2 - OR1 and
minimum 2 times tCK for sequenceOR1 - OR2. More
details are given in the following tables.
INSTRUCTION TABLES
The most significant digits of OR2 A7, A6, A5 are a
copy of the PCM selected output bus ; the least sig-
nificant digits of OR2 are the opcode, C8 is the con-
trol bit. In any case parentheses() define actual reg-
ister content.
INSTRUCTION 1: CHANNEL CONNECTION
Control Signals
Data Bus
Notes
Match C/D
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
X
0
0
0
1
XXXXX
Bi2
Bi1
Bi0
1
st Data Byte: selected input bus.
X
0
0
0
1
X
X
X
Ci4
Ci3
Ci2
Ci1
Ci0
2
nd Data Byte: selected input channel.
x
0
0
0
1
XXXXX
Bo2 Bo1 Bo0 3
rd Data Byte: selected output bus.
X
0
0
0
1
X
X
X
Co4 Co3 Co2 Co1 Co0 4th Data Byte: selected output channel.
yes/no
1
0
0
1
XXXX
0001
Instruction Opcode
yes
0
0
1
0
C7
(1
(Bi2
C6
1
Bi1
C5
1
Bi0
C4
1
Ci4
C3
1
Ci3
C2
1
Ci2
C1
1
Ci1
C0
1)
Ci0)
OR1: CM content copy, that is,
for mismatch condition,
for match condition
yes
1
0
1
0
A7
(Bo2
(Bo2
A6
Bo1
Bo1
A5
Bo0
Bo0
C8
1
0
0
0
0
0
0
0
0
0
0
1
1)
1)
OR2: that is,
for mismatch condition
for match condition
M3488
13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com