Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M35102
Description  Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35102 Datasheet(HTML) 1 Page - STMicroelectronics

  M35102 Datasheet HTML 1Page - STMicroelectronics M35102 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEFING
October 1999
Complete data available under NDA.
M35102
Contactless Memory Chip with 64-bit Unique Serial ID
13.56 MHz, 2048-bit High Endurance EEPROM
s
ISO 14443-2 Type-B Standard Compliant
s
13.56 MHz Carrier Frequency
s
847 kHz Subcarrier Frequency
s
106 Kbit/second Data Transfer
s
Internal Tuning Capacitor
s
Data Modulation:
– ASK from Reader to Card
– BPSK from Card to Reader
s
1792-bit EEPROM with Write Protect Feature
s
256-bit ROM with 64-bit Unique Serial ID
s
BYTE and PAGE READ (up to 16 Bytes)
s
BYTE and PAGE WRITE (up to 16 Bytes)
s
Self-Timed Programming Cycle with Auto-
Erase
s
100,000 Erase/Write Cycles (minimum)
s
40 Year Data Retention (minimum)
s
5 ms Programming Time (typical)
DESCRIPTION
The M35102 is a contactless memory, powered by
the received carrier electromagnetic wave. It is a
1792-bit EEPROM, plus 256-bit ROM, organised
as 16 pages of 16 x 8 bits.
The M35102 conforms to the ISO 14443-2 Type-B
recommendation for the transfer of power and sig-
nals via radio transmission. The card reader cir-
cuitry amplitude modulates (10% modulation) the
data on the carrier using amplitude shift keying
(ASK). The card replies by load modulating the
data on the carrier using bit phase shift keying
(BPSK) of the subcarrier. The data transfer rate in
each direction is 106 Kbit/second.
Antenna
(C20)
Wafer
Antenna
(C30)
Figure 1. Logic Diagram
AI03383
AC1
M35102
AC0
Power
Supply
Regulator
BPSK
Load
Modulator
ASK
Demodulator
224 Bytes
EEPROM
32 Bytes
ROM
Table 1. Signal Names
AC1
Antenna Coil
AC0
Antenna Coil


Similar Part No. - M35102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M35102 STMICROELECTRONICS-M35102 Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
More results

Similar Description - M35102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M35101 STMICROELECTRONICS-M35101 Datasheet
30Kb / 2P
Contactless Memory Chip 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
SR176 STMICROELECTRONICS-SR176 Datasheet
118Kb / 5P
13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID
Jul-2003
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
logo
STMicroelectronics
SR176 STMICROELECTRONICS-SR176_07 Datasheet
364Kb / 35P
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
10-Apr-2007
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
logo
STMicroelectronics
SRI2K STMICROELECTRONICS-SRI2K Datasheet
816Kb / 45P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
09-Sep-2011
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
13-Sep-2011
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
ST25TB04K STMICROELECTRONICS-ST25TB04K Datasheet
860Kb / 47P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
07-Feb-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com