Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP70 Datasheet(PDF) 3 Page - Semtech Corporation

Part # MP70
Description  The AirLink® MP70 with a single LTE radio and dual-band gigabit Wi-Fi, enables live video streaming and secure access to remote databases, and delivers connectivity for laptops, tablets, DVRs, and vehicle telemetry.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

MP70 Datasheet(HTML) 3 Page - Semtech Corporation

  MP70 Datasheet HTML 1Page - Semtech Corporation MP70 Datasheet HTML 2Page - Semtech Corporation MP70 Datasheet HTML 3Page - Semtech Corporation MP70 Datasheet HTML 4Page - Semtech Corporation MP70 Datasheet HTML 5Page - Semtech Corporation MP70 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET – AirLink MP70
3
semtech.com | All specifications subject to change without notice | 2026.03.25
CELLULAR
Peak D/L
Up to 600 Mbps, Cat 12
Peak U/L
Up to 150 Mbps
4G LTE
Frequency Bands
NAM
B1, B2, B3, B4, B5, B7, B8, B9, B12, B13, B14, B18, B19,
B20, B26, B28, B29, B30, B32, B41, B42, B43, B46, CBRS
B48, B66
Global
B1, B2, B3, B4, B5, B7, B8, B9, B12, B13, B18, B19, B20,
B26, B28, B29, B30, B32, B41, B42, B43, B46, B48, B66
Public Safety Bands
NAM
Band 14 (United States), FirstNet® Trusted*
Global
Band 26, 28
3G WCDMA/HSPA+
Frequency Bands
NAM
B1, B2, B4, B5, B6, B8, B9, B19
Global
B1, B2, B4, B5, B6, B8, B9, B19
APPROVALS
Regulatory
NAM
FCC, PTCRB, IC/ISED
Global
CE, GCF, RED, RCM
Carrier
**
NAM
AT&T, FirstNet® Trusted*, Verizon, T-Mobile, Rogers, Telus,
Southern Linc
Global
Telstra
PART NUMBERS
NAM
1104071, 1104073 (3x3 Wi-Fi 1.3Gbps)
Global
1104072, 1104074 (Wi-Fi)
HOST INTERFACES
4 Gigabit RJ-45 Ethernet ports
RS-232 serial port (DB-9)
USB 2.0 Micro-B Connector
3 SMA antenna connectors (cellular, diversity, GNSS)
Active GNSS antenna support
SECURITY
Remote Authentication (LDAP, RADIUS, TACACS+) DMZ
Inbound and Outbound Port filtering
Inbound and Outbound Trusted IP
MAC Address Filtering
PCI compatible
Secure Firmware Update
FIPS 140-2
AirLink MP70 – Router Specifications
* Requires device management via AirLink Management Service (ALMS)
** For carrier specific band support please refer to the hardware user guide



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com