Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP70 Datasheet(PDF) 4 Page - Semtech Corporation

Part # MP70
Description  The AirLink® MP70 with a single LTE radio and dual-band gigabit Wi-Fi, enables live video streaming and secure access to remote databases, and delivers connectivity for laptops, tablets, DVRs, and vehicle telemetry.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

MP70 Datasheet(HTML) 4 Page - Semtech Corporation

  MP70 Datasheet HTML 1Page - Semtech Corporation MP70 Datasheet HTML 2Page - Semtech Corporation MP70 Datasheet HTML 3Page - Semtech Corporation MP70 Datasheet HTML 4Page - Semtech Corporation MP70 Datasheet HTML 5Page - Semtech Corporation MP70 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET – AirLink MP70
4
semtech.com | All specifications subject to change without notice | 2026.03.25
SERIAL
TCP/U DP PAD Mode
Modbus (ASCII, RTU, Variable)
PPP
DNP3 Interoperability
NETWORK AND ROUTING
Network Address Translation (NAT) Reliable Static Route
Port Forwarding Dynamic DNS
Policy Routing Verizon PNTM
NEMO/DMNR IPV6 Gateway
VRRP
VPN
IPsec, GRE, and OpenVPN Client
Up to 5 concurrent tunnels
Split Tunnel
Dead Peer Detection (DPD)
ROUTER MANAGEMENT INTERFACES
Local web user interface
AT Command Line Interface (Telnet/SSH/Serial)
SNMP
SMS Commands
APPLICATION FRAMEWORK
ALEOS Application Framework (AAF)
LUA Scripting Language
EVENTS ENGINE
Custom event triggers and reports
Configurable interface, no programming
Event Types: Digital Input, Network Parameters, Data
Usage, Timer, Power, Device Temperature and Voltage
Report Types: RAP, SMS, Email, SNMP Trap, TCP (Binary,
XML, CSV)
Event Actions: Drive Relay Output
INDUSTRY CERTIFICATIONS
Safety
IECEE Certification Bodies Scheme (CB Scheme)
CSA-C22.2 No. 62368-1, UL 62368-1, EN/IEC 62368-1*
Vehicle Usage
E-Mark (UN ECE Regulation 10.04), ISO7637-2, SAE J1455
(Shock, Vibration, Electrical)
Environmental
RoHS2, REACH, WEEE
Rail Usage
EN50155 (Rolling Stock)
SATELLITE NAVIGATION (GNSS)
Dedicated GNSS Receiver supporting GPS, GLONASS,
BeiDou, Galileo
Tracking Sensitivity: -162 dBm
Reports: NMEA 0183 V3.0, TAIP, RAP, XORA
Multiple Redundant Servers
Reliable Store and Forward
Inertial Navigation Sensors (Accelerometer and Gyro)
WI-FI (OPTIONAL)
Dual Band 2.4/5GHz Wi-Fi
802.11 b/g/n/ac with support for 128 clients
WPA2 Enterprise
High output power
Simultaneous AP/Client Mode
WiFi as WAN Mode (Multiple SSIDs, Captive Portal)
LAN (ETHERNET/USB)
DHCP Server
IP Passthrough
VLAN
Host Interface Watchdog
PPPoE
ENVIRONMENTAL
Temperature
Operating Temperature: -30°C to +70°C / -22°F to
+158°F
Storage Temperature: -40°C to +85°C / -40°F to +185°F
Humidity: 95% RH @ 60ºC
Military Spec MIL-STD-810G conformance to shock,
vibration, thermal shock, and humidity
IP64 rated ingress protection
POWER
Input/Operating
Voltage
7 to 36 VDC
Power modes
Low voltage disconnect to prevent battery drain
Built-in protection against voltage transients including 5
VDC engine cranking and +200 VDC load dump
Ignition Sense with time delay shutdown
INPUT/OUTPUT
Configurable I/O (5 pins total)
Ÿ
5 Digital Inputs: ON Voltage: 2.7 to 36 VDC
Ÿ
1 Digital Open Collector Output > sinking 500 mA
Ÿ
3 Analog Inputs: 0.5-36 VDC
Ÿ
Configurable Pull-ups for dry contact input
AirLink MP70 – Router Specifications
Throughput
Features
140 Mbps Firewall TCP throughput
** Ambient temperatures of -30°C to +60°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com