Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP70 Datasheet(PDF) 5 Page - Semtech Corporation

Part # MP70
Description  The AirLink® MP70 with a single LTE radio and dual-band gigabit Wi-Fi, enables live video streaming and secure access to remote databases, and delivers connectivity for laptops, tablets, DVRs, and vehicle telemetry.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

MP70 Datasheet(HTML) 5 Page - Semtech Corporation

  MP70 Datasheet HTML 1Page - Semtech Corporation MP70 Datasheet HTML 2Page - Semtech Corporation MP70 Datasheet HTML 3Page - Semtech Corporation MP70 Datasheet HTML 4Page - Semtech Corporation MP70 Datasheet HTML 5Page - Semtech Corporation MP70 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET – AirLink MP70
5
semtech.com | All specifications subject to change without notice | 2026.03.25
ACCESSORIES
In the box
MP70, DC Power Cable and Quick Start Guide
Ÿ
AC Adapter (2000579)
Ÿ
I/O Cable (6001004)
Ÿ
OBD-II Y Cable (6001204)
Ÿ
J1939 Y Cable (6001192)
Ÿ
6-in-1 Shark Fin (6001197)
Ÿ
6-in-1 Dome Antenna (6001121)
See website for more antenna options
DIMENSIONS
190mm x 45mm x 105mm (112mm including connectors)
7.5in x 1.75 in x 4.1 in (4.4 in including connectors)
Weight: 0.76kg / 1.68 lb
AirLink MP70 – Router Specifications
AIRLINK COMPLETE (1 Year Included With Router Purchase)
Support
24/7 technical support*
Hardware
Warranty
1-year standard hardware warranty
Extended hardware warranty up to 5 years with current
subscription**
Device
Management
AirLink Management Service (ALMS)*
Software Updates
Unrestricted critical firmware updates through at least
December 31st, 2029
AIRLINK PREMIUM (Optional Upgrade)
Includes All Airlink Complete Features* and Adds:
Advanced Mobility
Reporting
Coverage and fleet reporting***
Advance
Replacement
Same-day shipping for in-warranty router replacements***
*With current AirLink Complete subscription
**Full warranty terms are available at www.sierrawireless.com/end-user-warranty
***With current AirLink Premium subscription



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com