Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP70 Datasheet(PDF) 1 Page - Semtech Corporation

Part # MP70
Description  The AirLink® MP70 with a single LTE radio and dual-band gigabit Wi-Fi, enables live video streaming and secure access to remote databases, and delivers connectivity for laptops, tablets, DVRs, and vehicle telemetry.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

MP70 Datasheet(HTML) 1 Page - Semtech Corporation

  MP70 Datasheet HTML 1Page - Semtech Corporation MP70 Datasheet HTML 2Page - Semtech Corporation MP70 Datasheet HTML 3Page - Semtech Corporation MP70 Datasheet HTML 4Page - Semtech Corporation MP70 Datasheet HTML 5Page - Semtech Corporation MP70 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
DATASHEET
semtech.com | All specifications subject to change without notice | 2026.03.25
AirLink® MP70
Multi-Port LTE-A Pro
Multi-Port LTE-A Pro
Rugged Vehicle Router
Rugged Vehicle Router
for Public Safety Fleets
for Public Safety Fleets
and Industrial IoT
and Industrial IoT
MP70 Product Description
The AirLink® MP70 with a single LTE radio and dual-band gigabit Wi-Fi, enables live video streaming
and secure access to remote databases, and delivers connectivity for laptops, tablets, DVRs, and
vehicle telemetry.
AIRLINK MP70 LTE-A PRO
Rugged Cat-12 LTE router capable of 600 Mbps downlink and 150 Mbps uplink speeds.
FirstNet® Trusted*. Wi-Fi optional.
Ideal Applications
Mobile mission-critical applications in public safety and field services. Enables robust and secure Vehicle
Area Networks (VANS) for:
Ÿ
Ambulance/EMS
Ÿ
Law Enforcement
Ÿ
Fire
Ÿ
Utility Vehicles
Ÿ
Multi-ethernet industrial and IoT
applications
Benefits
Ÿ
Proven solution: Leading U.S. police departments rely on AirLink routers in cruisers and incident
response vehicles
Ÿ
Video, voice and data applications all work together - when and how you need them
Ÿ
Work further and faster from the vehicle than ever before
Ÿ
Supports Private Networking
Ÿ
Remote device management through AirLink Complete
* Requires device management via AirLink Management Service (ALMS)


Similar Part No. - MP70

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MP70 RIEDON-MP70 Datasheet
241Kb / 1P
Film Resistors
MP70 RIEDON-MP70 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
Toshiba Semiconductor
MP7001 TOSHIBA-MP7001 Datasheet
151Kb / 7P
TOSHIBA Power Module
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
TOSHIBA POWER MODULE
logo
Multicomp Pro
MP700255 MULTICOMP-MP700255 Datasheet
147Kb / 1P
6 LED Pen Light
22/01/20 V1.0
More results

Similar Description - MP70

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
URM15T TRIPPLITE-URM15T Datasheet
496Kb / 2P
Multimedia Remote for PCs and Laptops
URM-15T TRIPPLITE-URM-15T Datasheet
494Kb / 2P
Multimedia Remote for PCs and Laptops
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
For Wi-Fi Industrial and Consumer Applications
logo
World Produts Inc.
WPANT10065 WPI-WPANT10065 Datasheet
64Kb / 2P
Wi-Fi / BT and NFC Dual Antenna
logo
TP-Link Technologies Co...
AX3000 TP-LINK-AX3000 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
Panasonic Semiconductor
PAN9026 PANASONIC-PAN9026 Datasheet
2Mb / 99P
PAN9026 Wi-Fi Dual Band 2.4 GHz and 5 GHz and Bluetooth Module
logo
Tripp Lite. All Rights ...
U263-AC600 TRIPPLITE-U263-AC600 Datasheet
182Kb / 3P
Dual-Band USB Wi-Fi Adapter - 2.4 GHz and 5 GHz
logo
Silicon Laboratories
RS9116 SILABS-RS9116 Datasheet
3Mb / 82P
RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
logo
Nordic Semiconductor
NRF7002 NORDIC-NRF7002 Datasheet
283Kb / 1P
Low-power Wi-Fi 6 companion IC providing seamless connectivity and Wi-Fi-based locationing
Version 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com