Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232A Datasheet(PDF) 14 Page - STMicroelectronics

Part # M36DR232A
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M36DR232A Datasheet HTML 10Page - STMicroelectronics M36DR232A Datasheet HTML 11Page - STMicroelectronics M36DR232A Datasheet HTML 12Page - STMicroelectronics M36DR232A Datasheet HTML 13Page - STMicroelectronics M36DR232A Datasheet HTML 14Page - STMicroelectronics M36DR232A Datasheet HTML 15Page - STMicroelectronics M36DR232A Datasheet HTML 16Page - STMicroelectronics M36DR232A Datasheet HTML 17Page - STMicroelectronics M36DR232A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
M36D232A, M36DR232B
14/46
Table 14. Protection States (1)
Note: 1. All blocks are protected at power-up, so the default configuration is 001 or 101 according to WPF status.
2. Current state and Next state gives the protection status of a block. The protection status is defined by the write protect pin and by
DQ1(=1foralockedblock)and DQ0(=1foraprotectedblock)as readinthe Autoselect instruction withA1=VIH andA0=VIL.
3. Next state is the protection status of a block after a Protect or Unprotect or Lock command has been issued or after WPF has
changed its logic value.
4. A WPF transition to VIH on a locked block will restore the previous DQ0 value, giving a 111 or 110.
Table 15. Instructions (1,2)
Current State (2)
(WP, DQ1, DQ0)
Program/Erase
Allowed
Next State After Event (3)
Protect
Unprotect
Lock
WP transition
100
yes
101
100
111
000
101
no
101
100
111
001
110
yes
111
110
111
011
111
no
111
110
111
011
000
yes
001
000
011
100
001
no
001
000
011
101
011
no
011
011
011
111 or 110 (4)
Mne.
Instr.
Cyc.
1st Cyc.
2nd Cyc.
3rd Cyc.
4th Cyc.
5th Cyc.
6th Cyc.
RD (4)
Read/Reset
Memory Array
1+
Addr. (3)
X
Read Memory Array until a new write cycle is initiated.
Data
F0h
3+
Addr.
555h
2AAh
555h
Read Memory Array until a new
write cycle is initiated.
Data
AAh
55h
F0h
RCFI
CFI Query
1+
Addr.
55h
Read CFI data until a new write cycle is initiated.
Data
98h
AS (4)
Auto Select
3+
Addr.
555h
2AAh
555h
Read electronic Signature or
Block Protection or Configuration
Register Status until a new cycle
is initiated.
Data
AAh
55h
90h
CR
Configuration
Register Write
4
Addr.
555h
2AAh
555h
Configura-
tion Data
Data
AAh
55h
60h
03h
PG
Program
4
Addr.
555h
2AAh
555h
Program
Address
Read Data Polling or
Toggle Bit until
Program completes.
Data
AAh
55h
A0h
Program
Data
DPG
Double Word
Program
5
Addr.
555h
2AAh
555h
Program
Address 1
Program
Address 2
Note 6, 7
Data
AAh
55h
40h
Program
Data 1
Program
Data 2
EBY
Enter Bypass
Mode
3
Addr.
555h
2AAh
555h
Data
AAh
55h
20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com