Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232A Datasheet(PDF) 41 Page - STMicroelectronics

Part # M36DR232A
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M36DR232A Datasheet HTML 37Page - STMicroelectronics M36DR232A Datasheet HTML 38Page - STMicroelectronics M36DR232A Datasheet HTML 39Page - STMicroelectronics M36DR232A Datasheet HTML 40Page - STMicroelectronics M36DR232A Datasheet HTML 41Page - STMicroelectronics M36DR232A Datasheet HTML 42Page - STMicroelectronics M36DR232A Datasheet HTML 43Page - STMicroelectronics M36DR232A Datasheet HTML 44Page - STMicroelectronics M36DR232A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
41/46
M36D232A, M36DR232B
Table 34. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
Table 35. Daisy Chain Ordering Scheme
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M36DR232A
100 ZA
6
T
Device Type
M36 = MMP (Flash + SRAM)
Architecture
D = Dual Bank, Page Mode
Operating Voltage
R=VDDF =VDDS =1.65V to 2.2V
SRAM Chip Size & Organization
2 = 2 Mbit (256K x 16 bit)
Device Function
32A = 32 Mbit (x16), Dual Bank: 1/8-7/8 partitioning, Top Boot
32B = 32 Mbit (x16), Dual Bank: 1/8-7/8 partitioning, Bottom Boot
Speed
100 = 100ns
120 = 120ns
Package
ZA = LFBGA66: 0.8mm pitch
Temperature Range
6= –40to 85°C
Option
T = Tape & Reel packing
C = Cypress’s SRAM
Example:
M36DR232
-ZA
T
Device Type
M36DR232
Daisy Chain
-ZA = LFBGA66: 0.8mm pitch
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com