Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232A Datasheet(PDF) 22 Page - STMicroelectronics

Part # M36DR232A
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M36DR232A Datasheet HTML 18Page - STMicroelectronics M36DR232A Datasheet HTML 19Page - STMicroelectronics M36DR232A Datasheet HTML 20Page - STMicroelectronics M36DR232A Datasheet HTML 21Page - STMicroelectronics M36DR232A Datasheet HTML 22Page - STMicroelectronics M36DR232A Datasheet HTML 23Page - STMicroelectronics M36DR232A Datasheet HTML 24Page - STMicroelectronics M36DR232A Datasheet HTML 25Page - STMicroelectronics M36DR232A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
M36D232A, M36DR232B
22/46
SRAM COMPONENT
Device Operations
The following operations can be performed using
the appropriate bus cycles: Read Array, Write Ar-
ray, Output Disable, Power Down (see Table 3).
Read. Read operations are used to output the
contents of the SRAM Array. The SRAM is in Read
mode whenever Write Enable (WS)is at VIH with
Output Enable (GS)at VIL, and both Chip Enables
(E1S and E2S) and UBS,LBS combinations are
asserted.
Valid data will be available at the output pins within
tAVQV after the last stable address, providing GS is
Low, E1S is Low and E2S is High. If Chip Enable
or Output Enable access times are not met, data
access will be measured from the limiting parame-
ter (tE1LQV,tE2HQV,or tGLQV) rather than the ad-
dress. Data out may be indeterminate at tE1LQX,
tE2HQX and tGLQX, but data lines will always be val-
id at tAVQV (see Table 31, Figures 16 and 17).
Write. Write operations are used to write data in
the SRAM. The SRAM is in Write mode whenever
the WS and E1S pins are at VIL, with E2S at VIH.
Either the Chip Enable inputs (E1S and E2S) or
the Write Enable input (WS) must be de-asserted
during address transitions for subsequent write cy-
cles. Write begins with the concurrence of both
Chip Enables being active with WS at VIL.AWrite
begins at the latest transition among E1S going to
VIL, E2S goingtoVIH and WS going to VIL. There-
fore, address setup time is referenced to Write En-
able and both Chip Enables as tAVWL,tAVE1L and
tAVE2H respectively, and is determined by the latter
occurring edge. The Write cycle can be terminated
by therisingedgeof E1S, the rising edge of WS or
the falling edge of E2S, whichever occurs first.
If the Output is enabled (E1S=VIL,E2S=VIH and
GS=VIL), then WS will return the outputs to high
impedance within tWLQZ of its falling edge. Care
must be taken to avoid bus contention in this type
of operation. Data input must be valid for tDVWH
before the rising edge of Write Enable, or for
tDVE1H before the rising edge of E1S or for tDVE2L
before the falling edge of E2S, whichever occurs
first, and remain valid for tWHDX,tE1HAX or tE2LAX
(see Table 32, Figure 19, 21, 23).
Standby/Power-Down. The SRAM chip has a
Chip Enable power-down feature which invokes
an automatic standby mode (see Table 31, Figure
18) whenever either Chip Enable is de-asserted
(E1S=VIH or E2S=VIL).
Data Retention
The SRAM data retention performances as VCCS
go down to VDR are described in Table 33 and Fig-
ure 23, 24. In E1S controlled data retention mode,
minimum standby current mode is entered when
E1S
≥ VCCS – 0.2V
and
E2S
≤ 0.2V
or
E2S
≥ VCCS – 0.2V. In E2S controlled data reten-
tion mode, minimum standby current mode is en-
tered when E2S
≤ 0.2V.
Output Disable. The data outputs are high im-
pedance when the Output Enable (GS)isat VIH
with Write Enable (WS)at VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com