Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232A Datasheet(PDF) 18 Page - STMicroelectronics

Part # M36DR232A
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M36DR232A Datasheet HTML 14Page - STMicroelectronics M36DR232A Datasheet HTML 15Page - STMicroelectronics M36DR232A Datasheet HTML 16Page - STMicroelectronics M36DR232A Datasheet HTML 17Page - STMicroelectronics M36DR232A Datasheet HTML 18Page - STMicroelectronics M36DR232A Datasheet HTML 19Page - STMicroelectronics M36DR232A Datasheet HTML 20Page - STMicroelectronics M36DR232A Datasheet HTML 21Page - STMicroelectronics M36DR232A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
M36D232A, M36DR232B
18/46
POWER CONSUMPTION
Power Down
The memory provides Reset/Power Down control
input RPF. The Power Down function can be acti-
vated only if the relevant Configuration Register bit
is set to '1'. In this case, when the RPF signal is
pulled at VSS the supply current drops to typically
IDDD (see Table 24), the memory is deselected
and the outputs are in high impedance.If RPF is
pulled to VSS during a Program or Erase opera-
tion, this operation is aborted in tPLQ7V and the
memory content is no longer valid (see Reset/
Power Down input description).
Power Up
The memory Command Interface is reset on Pow-
er Up to Read Array. Either EF or WF must be tied
to VIH during Power Up to allow maximum security
and the possibility to write a command on the first
rising edge of WF.
Supply Rails
Normal precautions must be taken for supply volt-
age decoupling; each device in a system should
have the VCCF rails decoupled with a 0.1µF capac-
itor closetothe VCCF and VSS pins. The PCB trace
widths should be sufficient to carry the required
VCCF program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com