Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39208 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M39208
Description  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M39208 Datasheet HTML 10Page - STMicroelectronics M39208 Datasheet HTML 11Page - STMicroelectronics M39208 Datasheet HTML 12Page - STMicroelectronics M39208 Datasheet HTML 13Page - STMicroelectronics M39208 Datasheet HTML 14Page - STMicroelectronics M39208 Datasheet HTML 15Page - STMicroelectronics M39208 Datasheet HTML 16Page - STMicroelectronics M39208 Datasheet HTML 17Page - STMicroelectronics M39208 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
AI02597
A6, A12, A15 = VIH
G, A9 = VIH
DATA
EF, G, A9 = VID
Wait 4µs
W = VIH
EF, G = VIH
READ at UNPROTECTION
ADDRESS: A1, A6 = VIH, A0 = VIL and
A16, A17 DEFINING SECTOR
(see Note 1)
Wait 10ms
Wait 4µs
=
00h
INCREMENT
SECTOR
n = 0
Wait 4µs
W = VIL
++n
= 1000
START
FAIL
YES
YES
NO
PASS
NO
LAST
SECT.
YES
NO
EE = EF = VIH
Figure 9. Sector Unprotecting Flowchart
Note: 1. A6 is kept at VIH during unprotection algorithm in order to secure best unprotection verification. During all other protection status
reads, A6 must be kept at VIL.
14/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com