Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39208 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M39208
Description  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M39208 Datasheet HTML 12Page - STMicroelectronics M39208 Datasheet HTML 13Page - STMicroelectronics M39208 Datasheet HTML 14Page - STMicroelectronics M39208 Datasheet HTML 15Page - STMicroelectronics M39208 Datasheet HTML 16Page - STMicroelectronics M39208 Datasheet HTML 17Page - STMicroelectronics M39208 Datasheet HTML 18Page - STMicroelectronics M39208 Datasheet HTML 19Page - STMicroelectronics M39208 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
(1)
Supply Current (Read Flash) TTL
EE = VIH, EF = VIL, G =
VIH, f = 6MHz
15
mA
ICC2
Supply Current (Read EEPROM)
TTL
EE = VIL, EF = VIH, G =
VIH, f = 6MHz
15
mA
ICC3
Supply Current (Standby) CMOS
EF = EE = VCC
± 0.2V
60
µA
ICC4
Supply Current (Flash Block
Program or Erase)
Byte program, Sector or
Chip Erase in progress
20
mA
ICC5
Supply Current (EEPROM Write)
During tWC
20
mA
ICC6
Supply Current in Deep Power
Down Mode
After a Deep Power Down
instruction (see Table 4)
2
µA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 1.8mA
0.45
V
VOH
Output High Voltage
IOH = –100
µAVCC –0.4
V
VID
A9 High Voltage
11.5
12.5
V
IID
VID Current
A9 = VID
100
µA
VLKO
VCC Minimum for Write, Erase and
Program
2
2.3
V
Note: 1. When reading the Flash block when an EEPROM byte(s) is under a write cycle, the supply current is ICC1 + ICC5.
Table 12. DC Characteristics
(TA = 0 to 70
°C or –20 to 85°C or –40 to 85°C; VCC = 2.7 V to 3.6V)
GLOSSARY
Block: EEPROM block (64 Kbit) or Flash block (2
Mbit)
Bulk: the whole Flash block (2 Mbit)
Sector: 64 Kbyte of Flash memory
Page: 64 bytes of EEPROM
Write and Program: Writing (into the EEPROM
block) and programming (the Flash block) is not
performed in a similar way:
– the Flash memory requires an instruction (see
Instruction chapter) for Erasing and another in-
struction for Programming one (or more) byte(s)
– the EEPROM memory is directly written with a
simple operation (see Operation chapter).
SDP: Software Data Protection. Used for protect-
ing the EEPROM block against false Write opera-
tions (as in noisy environments).
16/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com