Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39208 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M39208
Description  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208 Datasheet(HTML) 4 Page - STMicroelectronics

  M39208 Datasheet HTML 1Page - STMicroelectronics M39208 Datasheet HTML 2Page - STMicroelectronics M39208 Datasheet HTML 3Page - STMicroelectronics M39208 Datasheet HTML 4Page - STMicroelectronics M39208 Datasheet HTML 5Page - STMicroelectronics M39208 Datasheet HTML 6Page - STMicroelectronics M39208 Datasheet HTML 7Page - STMicroelectronics M39208 Datasheet HTML 8Page - STMicroelectronics M39208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Operation
EF
EE
G
W
DQ0 - DQ7
Read
VIL
VIH
VIL
VIH
Read in Flash Block
VIH
VIL
VIL
VIH
Read in EEPROM Block
Write
VIL
VIH
VIH
VIL
Write in Flash Block
VIH
VIL
VIH
VIL
Write in EEPROM Block
Output Disable
VIL
VIH
VIH
XHi-Z
VIH
VIL
VIH
XHi-Z
Standby
VIH
VIH
XX
Hi-Z
Note: X = VIL or VIH.
Table 3. Basic Operations
Write. A Write operation can be used for two goals:
– either write data in the EEPROM memory block
– or enter a sequence of bytes composing an
instruction.
The reader should note that Programming a Flash
byte is an instruction (see Instructions paragraph).
Writing data requires:
– the Chip Enable (either EE or EF) to be Low
– the Write Enable (W) to be Low with Output
Enable (G) High.
Addresses in Flash block (or EEPROM block) are
latched on the falling edge of W or EF (EE) which-
ever occurs last; the data to be written in Flash
block (EEPROM block) is latched on the rising edge
of W or EF (EE) whichever occurs first.
Specific Read and Write Operations. Device
specific data is accessed through operations de-
coding the VID level applied on A9 (VID = 12V +
0.5V) and the logic levels applied on address inputs
(A0, A1, A6). These specific operations are:
– Read the Manufacturer identifier
– Read the Device identifier
– Define the Flash Sector protection
– Read the EEPROM identifier
– Write the EEPROM identifier
Note: The OTP row (64 bytes) is accessed with a
specific software sequence detailed in the para-
graph "Write in OTP row".
Instructions
An instruction is defined as a sequence of specific
Write operations. Each received byte is sequen-
tially decoded (and not executed as standard Write
operations) and the instruction is executed when
the correct number of bytes are properly received
and the time between two consecutive bytes is
shorter than the time-out value.
The sequencing of any instruction must be followed
exactly, any invalid combination of instruction bytes
or time-out between two consecutive bytes will
reset the device logic into a Read memory state
(when addressing the Flash block) or directly de-
coded as a single operation when addressing the
EEPROM block.
The M39208 set of instructions includes:
– Program a byte in the Flash block
– Read a Flash sector protection status
– Erase instructions: Flash Sector Erase, Flash
Block Erase, Flash Sector Erase Suspend, Flash
Sector Erase Resume
– EEPROM power down
– Deep power down
– Set/Reset the EEPROM software write protec-
tion (SDP)
– OTP row access
– Reset and Return
– Read identifiers: read the manufacturer identi-
fier, Read the Flash block identifier
These instructions are detailed in Table 4.
For efficient decoding of the instruction, the two first
bytes of an instruction are the coded cycles and are
followed by a command byte or a confirmation byte.
The coded cycles consist of writing the data AAh at
address 5555h during the first cycle and data 55h
at address 2AAAh during the second cycle.
In the specific case of the Erase instruction, the
instruction expects confirmation by two additional
coded cycles.
4/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com