Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39208 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M39208
Description  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M39208 Datasheet HTML 17Page - STMicroelectronics M39208 Datasheet HTML 18Page - STMicroelectronics M39208 Datasheet HTML 19Page - STMicroelectronics M39208 Datasheet HTML 20Page - STMicroelectronics M39208 Datasheet HTML 21Page - STMicroelectronics M39208 Datasheet HTML 22Page - STMicroelectronics M39208 Datasheet HTML 23Page - STMicroelectronics M39208 Datasheet HTML 24Page - STMicroelectronics M39208 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Symbol
Alt
Parameter
M39208
Unit
-100
-120
-150
Min
Max
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next
Address Valid
100
120
150
ns
tELWL
(2)
tCS
Chip Enable Low to Write
Enable Low
000
ns
tWLWH
tWP
Write Enable Low to Write
Enable High
50
50
65
ns
tDVWH
tDS
Input Valid to Write Enable
High
50
50
65
ns
tWHDX
tDH
Write Enable High to Input
Transition
000
ns
tWHEH
(2)
tCH
Write Enable High to Chip
Enable High
000
ns
tWHWL
tWPH
Write Enable High to Write
Enable Low
30
30
35
ns
tAVWL
tAS
Address Valid to Write
Enable Low
000
ns
tWLAX
tAH
Write Enable Low to Address
Transition
50
50
65
ns
tGHWL
Output Enable High to Write
Enable Low
000
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
50
µs
tWHQV1
(1)
Write Enable High to Output
Valid (Program)
888
µs
tWHQV2
(1)
Write Enable High to Output
Valid (Sector Erase)
0.5
30
0.5
30
0.5
30
sec
tWHWL0
Time Out between 2
consecutive Section Erase
80
80
80
µs
tWHGL
tOEH
Write Enable High to Output
Enable Low
000
ns
Notes: 1. Time is measured to Data Polling or Toggle Bit, tWHQV = tWHQ7V + tQ7VQV
2. Chip Enable means (EE, EF) = (VIL, VIH) or (EE, EF) = (VIH, VIL).
Table 14. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70
°C or –20 to 85°C or –40 to 85°C; VCC = 2.7 V to 3.6V)
21/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com