Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE/D Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE/D Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE/D Datasheet HTML 19Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 20Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 21Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 22Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 23Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 24Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 25Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 26Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
CPM Ports
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-19
PA17
FCC1: RXD7
UTOPIA
FCC1: RXD0
MII and HDLC nibble
FCC1: RXD
HDLC serial and transparent
Input
Input
Input
FCC1: UTOPIA Receive Data Bit 7.
The MSC8103 inputs ATM cell octets (UTOPIA interface data) on
RXD[0–7]. RXD7 is the most significant bit. When no ATM data is
available, idle cells are inserted. A cell is 53 bytes. To support Multi-PHY
configurations, RXD[0–7] is tri-stated, enabled only when RXENB is
asserted.
FCC1: MII and HDLC Nibble Receive Data Bit 0
RXD[3–0] is supported by MII and HDLC nibble mode in FCC1. RXD0 is
the least significant bit.
FCC1: HDLC Serial and Transparent Receive Data Bit
This is the single receive data bit supported by HDLC and transparent
modes.
PA16
FCC1: RXD6
UTOPIA
FCC1: RXD1
MII and HDLC nibble
Input
Input
FCC1: UTOPIA Receive Data Bit 6.
The MSC8103 inputs ATM cell octets (UTOPIA interface data) on
RXD[0–7]. This is bit 6 of the receive data. RXD7 is the most significant
bit. When no ATM data is available, idle cells are inserted. A cell is 53
bytes. To support Multi-PHY configurations, RXD[0–7] is tri-stated,
enabled only when RXENB is asserted.
FCC1: MII and HDLC Nibble Receive Data Bit 1
This is bit 1 of the receive nibble data. RXD3 is the most significant bit.
PA15
FCC1: RXD5
UTOPIA
RXD2
MII and HDLC nibble
Input
Input
FCC1: UTOPIA Receive Data Bit 5
The MSC8103 inputs ATM cell octets (UTOPIA interface data) on
RXD[0–7]. This is bit 5 of the receive data. RXD7 is the most significant
bit. When no ATM data is available, idle cells are inserted. A cell is 53
bytes. To support Multi-PHY configurations, RXD[0–7] is tri-stated,
enabled only when RXENB is asserted.
FCC1: MII and HDLC Nibble Receive Data Bit 2
This is bit 2 of the receive nibble data. RXD3 is the most significant bit.
PA14
FCC1: RXD4
UTOPIA
FCC1: RXD3
MII and HDLC nibble
Input
Input
FCC1: UTOPIA Receive Data Bit 4.
The MSC8103 inputs ATM cell octets (UTOPIA interface data) on
RXD[0–7]. RXD7 is the most significant bit. RXD0 is the least significant
bit. When no ATM data is available, idle cells are inserted. A cell is 53
bytes. To support Multi-PHY configurations, RXD[0–7] is tri-stated,
enabled only when RXENB is asserted.
FCC1: MII and HDLC Nibble Receive Data Bit 3
RXD3 is the most significant bit of the receive nibble bit.
PA13
FCC1: RXD3
UTOPIA
SDMA: MSNUM2
Input
Output
FCC1: UTOPIA Receive Data Bit 3
The MSC8103 inputs ATM cell octets (UTOPIA interface data) on
RXD[0–7]. RXD7 is the most significant bit. RXD0 is the least significant
bit. A cell is 53 bytes. To support Multi-PHY configurations, RXD[0–7] is
tri-stated, enabled only when RXENB is asserted.
Module Serial Number Bit 2
The MSNUM has 6 bits that identify devices using the serial DMA
(SDMA) modules. MSNUM[0–4] is the sub-block code of the current
peripheral controller using SDMA. MSNUM5 indicates the section,
transmit (0) or receive (1), that is active during the transfer. The
information is recorded in the SDMA transfer error registers.
Table 1-7.
Port A Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated Signal
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com