Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE/D Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE/D Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE/D Datasheet HTML 38Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 39Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 40Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 41Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 42Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 43Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 44Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 45Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
2-2
Freescale Semiconductor
Physical and Electrical Specifications
2.2 Recommended Operating Conditions
Table 2-2 lists recommended operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2.3 Thermal Characteristics
Table 2-3 describes thermal characteristics of the MSC8103.
See Section 4.1, Thermal Design Considerations, on page 4-1 for details on these characteristics.
Table 2-2.
Recommended Operating Conditions
Rating
Symbol
Value
Unit
SC140 core supply voltage
VDD
275 MHz: 1.5 to 1.7
300 MHz: 1.55 to 1.7
V
V
PLL supply voltage
VCCSYN
275 MHz: 1.5 to 1.7
300 MHz: 1.55 to 1.7
V
V
I/O supply voltage
VDDH
3.135 to 3.465
V
Input voltage
VIN
–0.2 to VDDH + 0.2
V
Operating temperature range
TJ
275 MHz: –40 to 105
300 MHz: –40 to 75
°C
°C
Table 2-3.
Thermal Characteristics
Characteristic
Symbol
Lidded FC-PBGA
17
× 17 mm
Unit
Natural Convection
200 ft/min
(1 m/s) airflow
Junction-to-ambient, single-layer board1, 2
RθJA or θJA
50
37
°C/W
Junction-to-ambient, four-layer board1, 3
RθJA or θJA
22
18
°C/W
Junction-to-board3
RθJB or θJB
15
°C/W
Junction-to-case4
RθJC or θJC
0.8
°C/W
Notes:
1.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Per SEMI G38-87 and EIA/JESD51-2 with the single layer board horizontal.
3.
Per JEDEC JESD51-6 with the board (JESD51-9) horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD 51-8. Board temperature is measured on
the top surface of the board near the package.
5.
Thermal resistance between the die and the case top surface without thermal grease. TBD = to be determined. If a thin (less
than 50 micron) thermal grease interface is established to a heat sink from the lid, the junction to sink thermal resistance is
about 0.7 °C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com