Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE/D Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE/D Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE/D Datasheet HTML 46Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 47Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 48Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 49Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 50Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 51Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 52Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 53Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
2-10
Freescale Semiconductor
Physical and Electrical Specifications
2.6.4.1 Reset Operation
The reset control logic determines the cause of a reset, synchronizes it if necessary, and resets the appropriate logic
modules. The memory controller, system protection logic, interrupt controller, and parallel I/O pins are initialized
only on hard reset. Soft reset initializes the internal logic while maintaining the system configuration. The
MSC8103 has three mechanisms for reset configuration: host reset configuration, hardware reset configuration, and
reduced reset configuration.
2.6.4.2 Power-On Reset Flow
Asserting the PORESET external pin initiates the power-on reset flow. PORESET should be asserted externally for at
least 16 input clock cycles after external power to the MSC8103 reaches at least 2/3 VCC. As Table 2-13 shows, the
MSC8103 has five configuration pins, four of which are multiplexed with the SC140 EONCE Event (EE[0–1],
EE[4–5]
) pins and the fifth of which is the RSTCONF pin. These pins are sampled at the rising edge of PORESET. In
addition to these configuration pins, three (MODCK[1–3]) pins are sampled by the MSC8103. The signals on these
pins and the MODCK_H value in the Hard Reset Configuration Word determine the PLL locking mode, by
defining the ratio between the DSP clock, the bus clocks, and the CPM clock frequencies.
Table 2-13.
External Configuration Signals
Pin
Description
Settings
RSTCONF
Reset Configuration
Input line sampled by the MSC8103 at the rising edge of
PORESET.
0
Reset Configuration Master.
1
Reset Configuration Slave.
DBREQ/ EE0
EONCE Event Bit 0
Input line sampled after SC140 core PLL locks. Holding EE0
high when PORESET is deasserted puts the SC140 into
Debug mode.
0
SC140 starts the normal processing
mode after reset.
1
SC140 enters Debug mode immediately
after reset.
HPE/EE1
Host Port Enable
Input line sampled at the rising edge of PORESET. If
asserted, the Host port is enabled, the system data bus is
32-bit wide, and the Host
must program the reset
configuration word.
0
Host port disabled (hardware reset
configuration enabled).
1
Host port enabled.
BTM[0–1]/
EE[4–5]
Boot Mode
Input lines sampled at the rising edge of PORESET, which
determine the MSC8103 Boot mode.
00
MSC8103 boots from external memory.
01
MSC8103 boots from HDI16.
10
Reserved.
11
Reserved.
Table 2-14.
Reset Timing
No.
Characteristics
Expression
Min
Max
Unit
1
Required external PORESET duration minimum
•
CLKIN = 18 MHz
•
CLKIN = 75 MHz
16
/ CLKIN
888.8
213.3
—
—
ns
ns
2
Delay from deassertion of external PORESET to deassertion of
internal PORESET
•
CLKIN = 18 MHz
•
CLKIN = 75 MHz
1024
/ CLKIN
56.89
13.65
µs
µs
3
Delay from deassertion of internal PORESET to SPLL lock
•
SPLLMFCLK = 18 MHz
•
SPLLMFCLK = 25 MHz
800
/ SPLLMFCLK
44.4
32.0
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com