Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE/D Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE/D Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE/D Datasheet HTML 21Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 22Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 23Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 24Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 25Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 26Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 27Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 28Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
CPM Ports
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-21
1.6.2
Port B Signals
PA7
SMC2: SMSYN
SI1 TDMA1: L1TSYNC
TDM nibble and TDM serial
Input
Input
SMC2: Serial Management Synchronization
The SMC interface consists of SMTXD, SMRXD, SMSYN, and a clock.
Not all signals are used for all applications. SMCs are full-duplex ports
that supports three protocols or modes: UART, transparent, or general-
circuit interface (GCI).
Time-Division Multiplexing A1: Layer 1 Transmit Synchronization
The synchronizing signal for the transmit channel. See the
Serial
Interface with time-slot assigner chapter in the MSC8103 Reference
Manual.
PA6
SI1 TDMA1: L1RSYNC
TDM nibble and TDM serial
Input
Time-Division Multiplexing A1: Layer 1 Receive Synchronization.
The synchronizing signal for the receive channel.
Table 1-8.
Port B Signals
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol
PB31
FCC2: TX_ER
MII
SCC2: RXD
SI2 TDMB2: L1TXD
TDM serial
Output
Input
Output
FCC2: Media Independent Interface Transmit Error
Asserted by the MSC8103 to force propagation of transmit errors.
SCC2: Receive Data
SCC2 receives serial data from RXD.
Time-Division Multiplexing B2: Layer 1 Transmit Data
TDMB2 transmits serial data out of L1TXD.
PB30
SCC2: TXD
FCC2: RX_DV
MII
SI2 TDMB2: L1RXD
TDM serial
Output
Input
Input
SCC2: Transmit Data.
SCC2 transmits serial data out of TXD.
FCC2: Media Independent Interface Receive Data Valid
Asserted by an external fast Ethernet PHY to indicate that valid data is
being sent. The presence of carrier sense, but not RX_DV, indicates
reception of broken packet headers, probably due to bad wiring or a bad
circuit.
Time-Division Multiplexing B2: Layer 1 Receive Data
TDMB2 receives serial data from L1RXD.
PB29
FCC2: TX_EN
MII
SI2 TDMB2: L1RSYNC
TDM serial
Output
Input
FCC2: Media Independent Interface Transmit Enable
Asserted by the MSC8103 when transmitting data.
Time-Division Multiplexing B2: Layer 1 Receive Synchronization
The synchronizing signal for the receive channel.
Table 1-7.
Port A Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated Signal
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com