Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE/D Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE/D Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE/D Datasheet HTML 96Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 97Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 98Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 99Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 100Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 101Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 102Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 103Page - Freescale Semiconductor, Inc MNSC140CORE/D Datasheet HTML 104Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 102 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
4-4
Freescale Semiconductor
Design Considerations
GNDSYN and GNDSYN1 should be provided with an extremely low impedance path to ground and should be bypassed
to VCCSYN and VCCSYN1, respectively, by a 0.01-µF capacitor located as close as possible to the chip package. The
user should also bypass GNDSYN and GNDSYN1 to VCCSYN and VCCSYN1 with a 0.01-µF capacitor as closely as
possible to the chip package
Figure 4-2.
VCCSYN and VCCSYN1 Bypass
VDD
0.01 µF
10 µF
VCCSYN
10
Ω
10nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com