| Electronic Components Datasheet Search |
|
PC0801DZN-F Datasheet(PDF) 44 Page - Powertip Technology |
|
|
|||||||||||||||||||||||||||||
PC0801DZN-F Datasheet(HTML) 44 Page - Powertip Technology |
|
44 / 65 page ![]() ST7066U V2.0 2001/03/01 21/42 # # # #" " " " Read Busy Flag and Address When BF = “High”, indicates that the internal operation is being processed.So during this time the next instruction cannot be accepted. The address Counter (AC) stores DDRAM/CGRAM addresses, transferred from IR. After writing into (reading from) DDRAM/CGRAM, AC is automatically increased (decreased) by 1. # # # #" " " " Write Data to CGRAM or DDRAM Write binary 8-bit data to DDRAM/CGRAM. The selection of RAM from DDRAM, CGRAM, is set by the previous address set instruction : DDRAM address set, CGRAM address set. RAM set instruction can also determine the AC direction to RAM. After write operation, the address is automatically increased/decreased by 1, according to the entry mode. # # # #" " " " Read Data from CGRAM or DDRAM Read binary 8-bit data from DDRAM/CGRAM. The selection of RAM is set by the previous address set instruction. If address set instruction of RAM is not performed before this instruction, the data that read first is invalid, because the direction of AC is not determined. If you read RAM data several times without RAM address set instruction before read operation, you can get correct RAM data from the second, but the first data would be incorrect, because there is no time margin to transfer RAM data. In case of DDRAM read operation, cursor shift instruction plays the same role as DDRAM address set instruction : it also transfer RAM data to output data register. After read operation address counter is automatically increased/decreased by 1 according to the entry mode. After CGRAM read operation, display shift may not be executed correctly. * In case of RAM write operation, after this AC is increased/decreased by 1 like read operation. In this time, AC indicates the next address position, but you can read only the previous data by read instruction. 1 1 0 1 D7 D7 D6 D6 D5 D5 D4 D4 D3 D3 D2 D2 Code Code RS RS RW RW DB7 DB7 DB6 DB6 DB5 DB5 DB4 DB4 DB1 DB1 DB2 DB2 DB3 DB3 D1 D1 D0 D0 DB0 DB0 0 1 BF AC6 AC5 AC4 AC3 AC2 Code RS RW DB7 DB6 DB5 DB4 DB1 DB2 DB3 AC1 AC0 DB0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |