Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0801DZN-F Datasheet(PDF) 48 Page - Powertip Technology

Part # PC0801DZN-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801DZN-F Datasheet(HTML) 48 Page - Powertip Technology

Back Button PC0801DZN-F Datasheet HTML 44Page - Powertip Technology PC0801DZN-F Datasheet HTML 45Page - Powertip Technology PC0801DZN-F Datasheet HTML 46Page - Powertip Technology PC0801DZN-F Datasheet HTML 47Page - Powertip Technology PC0801DZN-F Datasheet HTML 48Page - Powertip Technology PC0801DZN-F Datasheet HTML 49Page - Powertip Technology PC0801DZN-F Datasheet HTML 50Page - Powertip Technology PC0801DZN-F Datasheet HTML 51Page - Powertip Technology PC0801DZN-F Datasheet HTML 52Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
ST7066U
V2.0
2001/03/01
25/42
#
#
#
#"
"
"
" 4-bit Interface (fosc=270KHz)
POWER ON
Function set
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
1
1
X
X
X
X
Wait time >40mS
After Vcc >4.5V
Function set
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
1
0
X
X
X
X
0
0
N
F
X
X
X
X
X
X
Wait time >37uS
Function set
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
1
0
X
X
X
X
0
0
N
F
X
X
X
X
X
X
Wait time >37uS
Wait time >37uS
Display ON/OFF control
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
0
X
X
X
X
0
0
1
D
C
B
X
X
X
X
Wait time >37uS
Display clear
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
0
X
X
X
X
0
0
0
0
0
1
X
X
X
X
Entry mode set
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
0
X
X
X
X
0
0
0
1
I/D
S
X
X
X
X
Wait time >1.52mS
Initialization end
BF cannot be
checked before
this instruction.
BF cannot be
checked before
this instruction.
BF cannot be
checked before
this instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com