Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0801DZN-F Datasheet(PDF) 20 Page - Powertip Technology

Part # PC0801DZN-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801DZN-F Datasheet(HTML) 20 Page - Powertip Technology

Back Button PC0801DZN-F Datasheet HTML 16Page - Powertip Technology PC0801DZN-F Datasheet HTML 17Page - Powertip Technology PC0801DZN-F Datasheet HTML 18Page - Powertip Technology PC0801DZN-F Datasheet HTML 19Page - Powertip Technology PC0801DZN-F Datasheet HTML 20Page - Powertip Technology PC0801DZN-F Datasheet HTML 21Page - Powertip Technology PC0801DZN-F Datasheet HTML 22Page - Powertip Technology PC0801DZN-F Datasheet HTML 23Page - Powertip Technology PC0801DZN-F Datasheet HTML 24Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
7. Comparison between TN, STN and FSTN technologies:
Remarks: with 1 being the best or most expensive and 3 the worst or least expensive.
8. Differences between reflective, transflective and transmissive displays
Reflective: Such display includes a diffuser. This layer reflects the light that enters the
front of the display. Reflective displays require ambient light for the light source since
there is no backlight.
Transflective: As type of backing which is bonded to the rear polarizer. Enables light
to pass through the back, as well as reflecting light from the front.
Transmissive: A type of LCD which does not have a reflector or transflector
laminated to the rear polarizer. A backlight must be used with this type of LCD
configuration. The most common is a transmissive negative image.
9. Considerations for attaining a 3.0 Volt LCD module:
IC: Choose the ICs that can be driven at 3.3V or less. Below is a list of IC's that can
accomplish this requirement:
Controller:
KS0066U 2.7 ~ 5.5V
KS0070B 2.7 ~ 5.5V
HD44780U 2.7 ~ 5.5V
Driver:
ITEM
Contrast Ratio
View Angle
COST
TN
3
3
3
STN
2
2
2
FSTN
1
1
1
Page 3 of 6
Powertip USA
11/10/2004
http://www.powertipusa.com/qa.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com