Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0801DZN-F Datasheet(PDF) 14 Page - Powertip Technology

Part # PC0801DZN-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801DZN-F Datasheet(HTML) 14 Page - Powertip Technology

Back Button PC0801DZN-F Datasheet HTML 10Page - Powertip Technology PC0801DZN-F Datasheet HTML 11Page - Powertip Technology PC0801DZN-F Datasheet HTML 12Page - Powertip Technology PC0801DZN-F Datasheet HTML 13Page - Powertip Technology PC0801DZN-F Datasheet HTML 14Page - Powertip Technology PC0801DZN-F Datasheet HTML 15Page - Powertip Technology PC0801DZN-F Datasheet HTML 16Page - Powertip Technology PC0801DZN-F Datasheet HTML 17Page - Powertip Technology PC0801DZN-F Datasheet HTML 18Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
Features:
1. Interface to an 8-bit or 4-bit MPU is available.
2. 192 types of alphanumerics, symbols and special characters can be displayed with the multi
built-in character generator(ROM).
3. Other preferred characters can be displayed by character generator(RAM)
4. Various instructions may be programmed.
Clear display
Cursor at home
On/Off cursor
Blink character
Shift display
Shift cursor
Read/write display data, etc.
5. Compact and light weight design which can easily be integrated into end products.
6. single power supply +5V drive(except for extended temp. type).
7. Low power consumption.
Interface between data bus line and 4-bit or 8-bit MPU is available.
Data transfer requires two cycles in case of a 4-bit MPU, and once in case of an 8-bit
MPU.
If Interface Data Is 4-bit long
Data transfer is accomplished through 4 bus lines from DB4 to DB7.(while the rest of 4 bus lines from
DB0 to DB3 are not used.)
Data transfer is completed when 4-bits of data is transferred twice.(upper 4-bits of data, then lower 4-
bits of data.)
Page 2 of 3
Powertip Technology, Inc.
11/10/2004
http://www.powertipusa.com/mpu.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com