Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T212Y Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T212Y
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212Y Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T212Y Datasheet HTML 7Page - STMicroelectronics M48T212Y Datasheet HTML 8Page - STMicroelectronics M48T212Y Datasheet HTML 9Page - STMicroelectronics M48T212Y Datasheet HTML 10Page - STMicroelectronics M48T212Y Datasheet HTML 11Page - STMicroelectronics M48T212Y Datasheet HTML 12Page - STMicroelectronics M48T212Y Datasheet HTML 13Page - STMicroelectronics M48T212Y Datasheet HTML 14Page - STMicroelectronics M48T212Y Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11/32
M48T212Y, M48T212V
WRITE Mode
The M48T212Y/V is in the WRITE Mode whenever
W (WRITE Enable) and E (Chip Enable) are in a
low state after the address inputs are stable. The
start of a WRITE is referenced from the latter oc-
curring falling edge of W or E. A WRITE is termi-
nated by the earlier rising edge of W or E. The
addresses must be held valid throughout the cy-
cle. E or W must return high for a minimum of tE-
HAX from Chip Enable or tWHAX from WRITE
Enable prior to the initiation of another READ or
WRITE cycle. Data-in must be valid tDVWH prior to
the end of WRITE and remain valid for tWHDX af-
terward.
G should be kept high during WRITE cycles to
avoid bus contention; although, if the output bus
has been activated by a low on E and G a low on
W will disable the outputs tWLQZ after W falls.
When E is low during the WRITE, one of the on-
board TIMEKEEPER® registers will be selected
and data will be written into the device. When EX
is low (and E is high) an external SRAM location is
selected.
Note: Care should be taken to avoid taking both E
and EX low simultaneously to avoid bus conten-
tion.
Figure 7. WRITE Cycle Timing: RTC Control Signal Waveforms
Note: EX is assumed High.
AI02641
W
DQ0-DQ7
G
DATA IN
VALID
ADDRESS
tAVAV
E
tAVEH
tAVAV
tAVAV
WRITE
WRITE
READ
DATA OUT
VALID
DATA OUT
VALID
tAVWH
tAVQV
tWLWH
tWHDX
tWHAX
tWHQX
tWLQZ
tDVWH
tGLQV
tEHQZ
tDVEH
DATA IN
VALID
tELEH
tEHAX
tAVEL
tEHDX
tAVWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com