Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T212Y Datasheet(PDF) 31 Page - STMicroelectronics

Part # M48T212Y
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212Y Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M48T212Y Datasheet HTML 24Page - STMicroelectronics M48T212Y Datasheet HTML 25Page - STMicroelectronics M48T212Y Datasheet HTML 26Page - STMicroelectronics M48T212Y Datasheet HTML 27Page - STMicroelectronics M48T212Y Datasheet HTML 28Page - STMicroelectronics M48T212Y Datasheet HTML 29Page - STMicroelectronics M48T212Y Datasheet HTML 30Page - STMicroelectronics M48T212Y Datasheet HTML 31Page - STMicroelectronics M48T212Y Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31/32
M48T212Y, M48T212V
REVISION HISTORY
Table 21. Document Revision History
Date
Rev. #
Revision Details
October 1999
1.0
First Issue
01-Mar-00
2.0
Document Layout changed; Default Values table added (Table 10)
21-Apr-00
3.0
From Preliminary Data to Data Sheet
10-Nov-00
3.1
Table 16 changed
30-May-01
3.2
Changed “Controller” references to “SUPERVISOR”
10-Sep-01
4.0
Reformatted; added temp./voltage info. to tables (Table 14, 5, 6, 15, 9); added E2 to
Hookup (Figure 4); Improve text in “Setting the Alarm Clock” section
13-May-02
4.1
Modify reflow time and temperature footnote (Table 11)
16-Jul-02
4.1
Updated DC Characteristics, footnotes (Table 14)
27-Mar-03
5.0
v2.2 template applied; updated test condition (Table 14)
31-Mar-04
6.0
Reformatted; updated with Pb-free information (Table 11, 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com