Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T212Y Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T212Y
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212Y Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T212Y Datasheet HTML 15Page - STMicroelectronics M48T212Y Datasheet HTML 16Page - STMicroelectronics M48T212Y Datasheet HTML 17Page - STMicroelectronics M48T212Y Datasheet HTML 18Page - STMicroelectronics M48T212Y Datasheet HTML 19Page - STMicroelectronics M48T212Y Datasheet HTML 20Page - STMicroelectronics M48T212Y Datasheet HTML 21Page - STMicroelectronics M48T212Y Datasheet HTML 22Page - STMicroelectronics M48T212Y Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19/32
M48T212Y, M48T212V
Calibrating the Clock
The M48T212Y/V is driven by a quartz controlled
oscillator with a nominal frequency of 32,768 Hz.
The devices are tested not to exceed ±35 ppm
(parts per million) oscillator frequency error at
25°C, which equates to about ±1.53 minutes per
month (see Figure 11., page 21). When the Cali-
bration circuit is properly employed, accuracy im-
proves to better than +1/–2 ppm at 25°C.
The oscillation rate of crystals changes with tem-
perature. The M48T212Y/V design employs peri-
odic counter correction. The calibration circuit
adds or subtracts counts from the oscillator divider
circuit at the divide by 256 stage, as shown in Fig-
ure 12., page 21. The number of times pulses
which are blanked (subtracted, negative calibra-
tion) or split (added, positive calibration) depends
upon the value loaded into the five Calibration bits
found in the Control Register. Adding counts
speeds the clock up, subtracting counts slows the
clock down.
The Calibration bits occupy the five lower-order
bits (D4-D0) in the Control Register 8h. These bits
can be set to represent any value between 0 and
31 in binary form. Bit D5 is a Sign Bit; '1' indicates
positive calibration, ‘0' indicates negative calibra-
tion. Calibration occurs within a 64 minute cycle.
The first 62 minutes in the cycle may, once per
minute, have one second either shortened by 128
or lengthened by 256 oscillator cycles.
If a binary ‘1' is loaded into the register, only the
first 2 minutes in the 64 minute cycle will be modi-
fied; if a binary 6 is loaded, the first 12 will be af-
fected, and so on.
Therefore, each calibration step has the effect of
adding 512 or subtracting 256 oscillator cycles for
every 125,829,120 actual oscillator cycles, that is
+4.068 or –2.034 ppm of adjustment per calibra-
tion step in the calibration register. Assuming that
the oscillator is running at exactly 32,768 Hz, each
of the 31 increments in the Calibration byte would
represent +10.7 or –5.35 seconds per month
which corresponds to a total range of +5.5 or –2.75
minutes per month.
Two methods are available for ascertaining how
much calibration a given M48T212Y/V may re-
quire. The first involves setting the clock, letting it
run for a month and comparing it to a known accu-
rate reference and recording deviation over a fixed
period of time. Calibration values, including the
number of seconds lost or gained in a given peri-
od, can be found in Application Note, “AN934,
TIMEKEEPER® Calibration.”
This allows the designer to give the end user the
ability to calibrate the clock as the environment re-
quires, even if the final product is packaged in a
non-user serviceable enclosure. The designer
could provide a simple utility that accesses the
Calibration byte.
The second approach is better suited to a manu-
facturing environment, and involves the use of the
IRQ/FT pin. The pin will toggle at 512Hz, when the
Stop Bit (ST, D7 of 9h) is '0,' the Frequency Test
Bit (FT, D6 of Ch) is '1,' the Alarm Flag Enable Bit
(AFE, D7 of 6h) is '0,' and the Watchdog Steering
Bit (WDS, D7 of 7h) is '1' or the Watchdog Register
(7h=0) is reset.
Any deviation from 512 Hz indicates the degree
and direction of oscillator frequency shift at the test
temperature.
For
example,
a
reading
of
512.010124 Hz would indicate a +20 ppm oscilla-
tor frequency error, requiring a –10 (WR001010)
to be loaded into the Calibration Byte for correc-
tion. Note that setting or changing the Calibration
Byte does not affect the Frequency test output fre-
quency.
The IRQ/FT pin is an open drain output which re-
quires a pull-up resistor to VCC for proper opera-
tion. A 500-10k
Ω resistor is recommended in order
to control the rise time. The FT Bit is cleared on
power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com