Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T212Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T212Y
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T212Y Datasheet HTML 9Page - STMicroelectronics M48T212Y Datasheet HTML 10Page - STMicroelectronics M48T212Y Datasheet HTML 11Page - STMicroelectronics M48T212Y Datasheet HTML 12Page - STMicroelectronics M48T212Y Datasheet HTML 13Page - STMicroelectronics M48T212Y Datasheet HTML 14Page - STMicroelectronics M48T212Y Datasheet HTML 15Page - STMicroelectronics M48T212Y Datasheet HTML 16Page - STMicroelectronics M48T212Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13/32
M48T212Y, M48T212V
Data Retention Mode
With valid VCC applied, the M48T212Y/V can be
accessed as described above with READ or
WRITE cycles. Should the supply voltage decay,
the M48T212Y/V will automatically deselect, write
protecting itself (and any external SRAM) when
VCC falls between VPFD (max) and VPFD (min).
This is accomplished by internally inhibiting ac-
cess to the clock registers via the E signal. At this
time, the Reset pin (RST) is driven active and will
remain active until VCC returns to nominal levels.
External RAM access is inhibited in a similar man-
ner by forcing E1CON and E2CON to a high level.
This level is within 0.2 volts of the VBAT. E1CON
and E2CON will remain at this level as long as VCC
remains at an out-of-tolerance condition.
When VCC falls below battery back-up switchover
voltage (VSO), power input is switched from the
VCC pin to the SNAPHAT
® battery and the clock
registers and external SRAM are maintained from
the attached battery supply. All outputs become
high impedance. The VOUT pin is capable of sup-
plying 100µA of current to the attached memory
with less than 0.3V drop under this condition. On
power up, when VCC returns to a nominal value,
write protection continues for 200ms (max) by in-
hibiting E1CON or E2CON.
The RST signal also remains active during this
time (see Figure 15., page 26).
Note: Most low power SRAMs on the market to-
day can be used with the M48T212Y/V TIME-
KEEPER® SUPERVISOR. There are, however
some criteria which should be used in making the
final choice of an SRAM to use. The SRAM must
be designed in a way where the chip enable input
disables all other inputs to the SRAM. This allows
inputs to the M48T212Y/V and SRAMs to be
“Don't care” once VCC falls below VPFD(min). The
SRAM should also guarantee data retention down
to VCC = 2.0V. The chip enable access time must
be sufficient to meet the system needs with the
chip enable output propagation delays included.
If the SRAM includes a second chip enable pin
(E2), this pin should be tied to VOUT.
If data retention lifetime is a critical parameter for
the system, it is important to review the data reten-
tion
current
specifications
for
the
particular
SRAMs being evaluated. Most SRAMs specify a
data retention current at 3.0V. Manufacturers gen-
erally specify a typical condition for room temper-
ature along with a worst case condition (generally
at elevated temperatures). The system level re-
quirements will determine the choice of which val-
ue to use.
The data retention current value of the SRAMs can
then be added to the IBAT value of the M48T212Y/
V to determine the total current requirements for
data retention. The available battery capacity for
the SNAPHAT® of your choice can then be divided
by this current to determine the amount of data re-
tention available (see Table 20., page 30).
For a further more detailed review of lifetime calcu-
lations, please see Application Note AN1012.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com