Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T248V Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T248V
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248V Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T248V Datasheet HTML 8Page - STMicroelectronics M48T248V Datasheet HTML 9Page - STMicroelectronics M48T248V Datasheet HTML 10Page - STMicroelectronics M48T248V Datasheet HTML 11Page - STMicroelectronics M48T248V Datasheet HTML 12Page - STMicroelectronics M48T248V Datasheet HTML 13Page - STMicroelectronics M48T248V Datasheet HTML 14Page - STMicroelectronics M48T248V Datasheet HTML 15Page - STMicroelectronics M48T248V Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
M48T248Y, M48T248V
12/24
Table 7. Memory AC Characteristics, M48T248Y
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. These parameters are sampled with a 5 pF load are not 100% tested.
3. tWP is specified as the logical AND of CE and WE. tWP is measured from the latter of CE or WE going low to the earlier of CE or
WE going high.
4. tDH and tDS are measured from the earlier of CE or WE going high.
Symbol
Parameter(1)
M48T248Y–70
Unit
Min
Max
tAVAV
tRC
READ Cycle Time
70
ns
tAVQV
tACC
Access Time
70
ns
tELQV
tCO
Chip Enable Low to Output Valid
70
ns
tGLQV
tOE
Output Enable Low to Output Valid
35
ns
tELQX
tGLQX
tCOE
Chip Enable or Output Enable Low to Output Transition
5
ns
tAXQX
tOH
Output Hold from Address Change
5
ns
tEHQZ
tGHQZ
tOD
(2)
Chip Enable or Output Enable High to Output Hi-Z
25
ns
tWLQZ
tODW
(2)
Output Hi-Z from WE
25
ns
tAVAV
tWC
WRITE Cycle Time
70
ns
tWLWH
tELEH
tWP
(3)
WE, CE Pulse Width
50
ns
tAVEL
tAVWL
tAW
Address Setup Time
0
ns
tEHAX
tWR1
WRITE Recovery Time
15
ns
tWHAX
tWR2
Address Hold Time from WE
0ns
tWHQX
tOEW
Output Active from WE
5ns
tDVEH
tDVWH
tDS
(4)
Data Setup Time
30
ns
tWHDX
tDH1
(4)
Data Hold Time from WE
0ns
tEHDX
tDH2
(4)
Data Hold Time from CE
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com