Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T248V Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T248V
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248V Datasheet(HTML) 5 Page - STMicroelectronics

  M48T248V Datasheet HTML 1Page - STMicroelectronics M48T248V Datasheet HTML 2Page - STMicroelectronics M48T248V Datasheet HTML 3Page - STMicroelectronics M48T248V Datasheet HTML 4Page - STMicroelectronics M48T248V Datasheet HTML 5Page - STMicroelectronics M48T248V Datasheet HTML 6Page - STMicroelectronics M48T248V Datasheet HTML 7Page - STMicroelectronics M48T248V Datasheet HTML 8Page - STMicroelectronics M48T248V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/24
M48T248Y, M48T248V
Figure 4. Block Diagram
UPDATE
DQ0
VCC
VBAT
DATA
INTERNAL VCC
READ
WRITE
32.768 Hz
CRYSTAL
XI
XO
POWER
FAIL
A0–A16
DQ0–DQ7
CLOCK/CALENDAR
LOGIC
TIMEKEEPER
REGISTER
SRAM
CONTROL
LOGIC
ACCESS
ENABLE
SEQUENCE
DETECTOR
COMPARISON
REGISTER
I/O
BUFFERS
POWER-FAIL
DETECT
LOGIC
RST
WE
OE
CE
AI04238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com