Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T248V Datasheet(PDF) 20 Page - STMicroelectronics

Part # M48T248V
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248V Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M48T248V Datasheet HTML 16Page - STMicroelectronics M48T248V Datasheet HTML 17Page - STMicroelectronics M48T248V Datasheet HTML 18Page - STMicroelectronics M48T248V Datasheet HTML 19Page - STMicroelectronics M48T248V Datasheet HTML 20Page - STMicroelectronics M48T248V Datasheet HTML 21Page - STMicroelectronics M48T248V Datasheet HTML 22Page - STMicroelectronics M48T248V Datasheet HTML 23Page - STMicroelectronics M48T248V Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
M48T248Y, M48T248V
20/24
Table 12. Phantom Clock AC Characteristics (M48T248V)
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. These parameters are sampled with a 5 pF load and are not 100% tested.
3. tWP is specified as the logical AND of CE and WE. tWP is measured from the latter of CE or WE going low to the earlier of CE or
WE going high.
4. tWR is a function of the latter occurring edge of WE or CE.
5. tDH and tDS are measured from the earlier of CE or WE going high.
Symbol
Parameter(1)
Min
Typ
Max
Unit
tAVAV
tRC
READ Cycle Time
85
ns
tELQV
tCO
CE Access Time
85
ns
tGLQV
tOE
OE Access Time
85
ns
tELQX
tCOE
CE to Output Low Z
5
ns
tGLQX
tOEE
OE to Output Low Z
5
ns
tEHQZ
tOD
(2)
CE to Output High Z
30
ns
tGHQZ
tODO
(2)
OE to Output High Z
30
ns
tRR
READ Recovery
20
ns
tAVAV
tWC
WRITE Cycle Time
85
ns
tWLWH
tWP
(3)
WRITE Pulse Width
60
ns
tEHAX
tWR
(4)
WRITE Recovery
20
ns
tDVEH
tDS
(5)
Data Setup Time
35
ns
tWHDX
tDH1
(5)
Data Hold Time from WE
0ns
tEHDX
tDH2
(5)
Data Hold Time from CE
0ns
tELEH
tCW
CE Pulse Width
65
ns
tRST
RST Pulse Width
85
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com