Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T248V Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48T248V
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248V Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48T248V Datasheet HTML 10Page - STMicroelectronics M48T248V Datasheet HTML 11Page - STMicroelectronics M48T248V Datasheet HTML 12Page - STMicroelectronics M48T248V Datasheet HTML 13Page - STMicroelectronics M48T248V Datasheet HTML 14Page - STMicroelectronics M48T248V Datasheet HTML 15Page - STMicroelectronics M48T248V Datasheet HTML 16Page - STMicroelectronics M48T248V Datasheet HTML 17Page - STMicroelectronics M48T248V Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
M48T248Y, M48T248V
14/24
Data Retention Mode
Data can be read or written only when VCC is
greater than VPFD. When VCC is below VPFD (the
point at which write protection occurs), the clock
registers and the SRAM are blocked from any ac-
cess. When VCC falls below the Battery Switch
Over threshold (VSO), the device is switched from
VCC to battery backup (VBAT). RTC operation and
SRAM data are maintained via battery backup un-
til power is stable. All control, data, and address
signals must be powered down when VCC is pow-
ered down.
The lithium power source is designed to provide
power for RTC activity as well as RTC and RAM
data retention when VCC is absent or unstable.
The capability of this source is sufficient to power
the device continuously for the life of the equip-
ment into which it has been installed. For specifi-
cation purposes, life expectancy is ten (10) years
at 25°C with the internal oscillator running without
VCC. Each unit is shipped with its energy source
disconnected, guaranteeing full energy capacity.
When VCC is first applied at a level greater than
VPFD, the energy source is enabled for battery
backup operation. The actual life expectancy will
be much longer if no battery energy is used (e.g.,
when VCC is present).
Figure 9. Power Down/Up Mode AC Waveforms
Table 9. Power Down/Up Trip Points DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. At 25°C, VCC = 0V; the expected tDR is defined as cumulative time in the absence of VCC with the clock oscillator running.
Symbol
Parameter(1)
Min
Max
Unit
tREC
VPFD (max) to CE low
1.5
2.5
ms
tF
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
VPFD (min) to VSO VCC Fall Time
10
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
0
µs
tPD
CE High to Power-Fail
0
µs
tDR
(2)
Expected Data Retention Time
10
Years
tDR
tF
tREC
tR
tPD
tFB
VSO
VCC
CE
VPFD (max)
VPFD (min)
AI04236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com