Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T35
Description  256 Kbit 32Kb x8 TIMEKEEPER SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T35 Datasheet HTML 1Page - STMicroelectronics M48T35 Datasheet HTML 2Page - STMicroelectronics M48T35 Datasheet HTML 3Page - STMicroelectronics M48T35 Datasheet HTML 4Page - STMicroelectronics M48T35 Datasheet HTML 5Page - STMicroelectronics M48T35 Datasheet HTML 6Page - STMicroelectronics M48T35 Datasheet HTML 7Page - STMicroelectronics M48T35 Datasheet HTML 8Page - STMicroelectronics M48T35 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
February 2000
M48T35
M48T35Y
256 Kbit (32Kb x8) TIMEKEEPER® SRAM
s
INTEGRATED ULTRA LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL CONTROL
CIRCUIT and BATTERY
s
BYTEWIDE™ RAM-LIKE CLOCK ACCESS
s
BCD CODED YEAR, MONTH, DAY, DATE,
HOURS, MINUTES and SECONDS
s
FREQUENCY TEST OUTPUT for REAL TIME
CLOCK
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
– M48T35: 4.5V
≤ VPFD ≤ 4.75V
– M48T35Y: 4.2V
≤ VPFD ≤ 4.5V
s
SELF-CONTAINED BATTERY and CRYSTAL
in the CAPHAT DIP PACKAGE
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION for a SNAPHAT HOUSING
CONTAINING the BATTERY and CRYSTAL
s
SNAPHAT® HOUSING (BATTERY and
CRYSTAL) is REPLACEABLE
s
PIN and FUNCTION COMPATIBLE with
JEDEC STANDARD 32Kb x8 SRAMs
Figure 1. Logic Diagram
AI01620B
15
A0-A14
W
DQ0-DQ7
VCC
M48T35
M48T35Y
G
VSS
8
E
Table 1. Signal Names
A0-A14
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
28
1
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery
PCDIP28 (PC)
Battery CAPHAT


Similar Part No. - M48T35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T35 STMICROELECTRONICS-M48T35 Datasheet
478Kb / 28P
5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 10
M48T35-70MH1 STMICROELECTRONICS-M48T35-70MH1 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T35-70MH1E STMICROELECTRONICS-M48T35-70MH1E Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T35-70MH1F STMICROELECTRONICS-M48T35-70MH1F Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T35-70MH1TR STMICROELECTRONICS-M48T35-70MH1TR Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
More results

Similar Description - M48T35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
Jan-1999
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
256 Kb 32K x8 TIMEKEEPER SRAM
Jan-1998
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
256 Kbit 32Kb x8 ZEROPOWER SRAM
20-Apr-2000
M68AW031A STMICROELECTRONICS-M68AW031A Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com