Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T39Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T39Y
Description  256 Kb 32K x8 TIMEKEEPER SRAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T39Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48T39Y Datasheet HTML 1Page - STMicroelectronics M48T39Y Datasheet HTML 2Page - STMicroelectronics M48T39Y Datasheet HTML 3Page - STMicroelectronics M48T39Y Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
PRELIMINARY DATA
January 1998
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M48T39Y
256 Kb (32K x8) TIMEKEEPER® SRAM
s
INTEGRATED ULTRA LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL CONTROL
CIRCUIT, BATTERY and CRYSTAL
s
BCD CODED YEAR, MONTH, DAY, DATE,
HOURS, MINUTES and SECONDS
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
WRITE PROTECT VOLTAGE
(VPFD = Power-fail Deselect Voltage):
– M48T39Y: 4.20V
≤ VPFD ≤ 4.50V
s
PROGRAMMABLE INTERRUPTS and
SQUARE WAVE OUTPUT
s
WATCHDOG TIMER RESTARTS on
OUT-OF-CONTROL PROCESSOR
s
CLOCK ACCURACY IS BETTER THAN
±1 MINUTE per MONTH at 25°C
s
10 YEARS of DATA RETENTION and CLOCK
OPERATION in the ABSENCE of POWER
s
SELF-CONTAINED BATTERY and CRYSTAL
in DIP PACKAGE
s
PROGRAMMABLE ALARM OUTPUT ACTIVE
in the BATTERY BACK-UP MODE
s
PIN and FUNCTION COMPATIBLE with
DS1386
DESCRIPTION
The M48T39Y TIMEKEEPER® RAM is a non-vol-
atile 262,144 bit static RAM and real time clock or-
ganized as 32,768 words by 8 bits. System
integration
features
include
Programmable
Alarms, Watchdog Timer and Interval Timer. The
special 32-pin DIP package provides a highly inte-
grated battery back-up memory and real time
clock solution.
Figure 1. Logic Diagram
AI02311
15
A0-A14
W
DQ0-DQ7
VCC
M48Z129Y
G
VSS
8
E
INTA
INTB
SQW
32
1
PMDIP32 (PM)
Module


Similar Part No. - M48T39Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35 STMICROELECTRONICS-M48T35 Datasheet
478Kb / 28P
5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 10
M48T35-70MH1 STMICROELECTRONICS-M48T35-70MH1 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35-70MH1 STMICROELECTRONICS-M48T35-70MH1 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T35-70MH1E STMICROELECTRONICS-M48T35-70MH1E Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
More results

Similar Description - M48T39Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
M48T35AY STMICROELECTRONICS-M48T35AY_04 Datasheet
508Kb / 25P
5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
Apr-2004
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M68AW031A STMICROELECTRONICS-M68AW031A Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com