Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDT5 Datasheet(PDF) 2 Page - Optoelectronic Manufacturing Corporation Ltd.

Part # LEDT5
Description  LED T5 Style Light Tube
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMC [Optoelectronic Manufacturing Corporation Ltd.]
Direct Link  https://www.omc-uk.com/
Logo OMC - Optoelectronic Manufacturing Corporation Ltd.

LEDT5 Datasheet(HTML) 2 Page - Optoelectronic Manufacturing Corporation Ltd.

  LEDT5 Datasheet HTML 1Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 2Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 3Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 4Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 5Page - Optoelectronic Manufacturing Corporation Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Datasheet
The Optoelectronic Manufacturing Corporation
An ultrabright LED lighting tube with a diameter matching that of a T5 fluorescent tube. The tube is
supplied with a selection of mounting clips and fixings to facilitate use in the widest possible range
of applications. No fluorescent fitting is required - power input to this product is via a safe, 24V DC
wire feed into the rear of the tube. The convenient and compact tube size makes this lighting
component ideal for use in place of T5 fluorescent light sources in applications such as illumination
for machinery, shelf displays, backlighting, automotive lighting, display cabinets and more.
Key Features:
·
Very low power consumption
·
High efficiency and brightness
·
Easy to install, range of fixings supplied
·
Fits in the space of a T5 fluorescent
·
Low voltage, 24V DC operation
·
Safe - no glass, gases or filaments
·
RoHS Compliant
·
Easily dimmable using PWM
All specifications correct at time of publishing. In the interests of continual improvement, OMC reserve the right
to alter specifications without notice.
Typical Applications:
·
Refrigerated vehicles
·
Machinery lighting
·
Food cabinet illumination
·
Office and factory task lighting
·
Vending machine illumination
·
Point-of-sale display lighting
·
Lighting for buses and trains
·
Shelf and cabinet lighting
·
Architectural lighting
·
Refrigerators and freezers



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com