Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDT5 Datasheet(PDF) 5 Page - Optoelectronic Manufacturing Corporation Ltd.

Part # LEDT5
Description  LED T5 Style Light Tube
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMC [Optoelectronic Manufacturing Corporation Ltd.]
Direct Link  https://www.omc-uk.com/
Logo OMC - Optoelectronic Manufacturing Corporation Ltd.

LEDT5 Datasheet(HTML) 5 Page - Optoelectronic Manufacturing Corporation Ltd.

  LEDT5 Datasheet HTML 1Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 2Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 3Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 4Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 5Page - Optoelectronic Manufacturing Corporation Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The Optoelectronic Manufacturing Corporation
The Optoelectronic Manufacturing Corporation (UK) Ltd.
Candela House,
Cardrew Industrial Estate,
Redruth,
Cornwall
TR15 1SS
Tel: 01209 215424
Fax: 01209 215197
General e-mail: omc-sales@omc-uk.com
www.omc-uk.com
Application notes
w
Do not apply voltages greater than 24V DC to this product or damage may occur.
w
As with all semiconductor devices, it is recommended to avoid electrostatic discharge.
w
If operating in ambient temperatures above 25°C, input should be de-rated to ensure optimal long-term
performance. A derating curve is available on request.
w
Please do not exceed the absolute maximum ratings specified in this document or damage may occur.
w
If the LED packages have lenses fitted, do not use reflow soldering as the lenses should not be taken
above 110°C.
w
Connect anode to red wire, cathode to black wire.
w
This product is not designed to be cut.
w
Use of a regulated 24V DC power supply is recommended.
w
This product is designed for interior use. Please do not use in damp environments.
16.0±0.5
13.0±0.5
25.0±3.0
635.0±20.0
85.0±10.0
24.0±3.0
M4x0.7
Length as given in table on page 2
Notes:
All dimensions in this datasheet are in mm with tolerance ±3mm unless otherwise noted.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com