Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDT5 Datasheet(PDF) 4 Page - Optoelectronic Manufacturing Corporation Ltd.

Part # LEDT5
Description  LED T5 Style Light Tube
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMC [Optoelectronic Manufacturing Corporation Ltd.]
Direct Link  https://www.omc-uk.com/
Logo OMC - Optoelectronic Manufacturing Corporation Ltd.

LEDT5 Datasheet(HTML) 4 Page - Optoelectronic Manufacturing Corporation Ltd.

  LEDT5 Datasheet HTML 1Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 2Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 3Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 4Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 5Page - Optoelectronic Manufacturing Corporation Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The Optoelectronic Manufacturing Corporation
Overall dimensions when using
this fixing method:
L = Original length
H = 27mm
W = 18mm
L
W
L
W
Overall dimensions when using this
fixing method:
L = Original length +11mm
H = 30mm
W = 36mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com