Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDT5 Datasheet(PDF) 3 Page - Optoelectronic Manufacturing Corporation Ltd.

Part # LEDT5
Description  LED T5 Style Light Tube
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMC [Optoelectronic Manufacturing Corporation Ltd.]
Direct Link  https://www.omc-uk.com/
Logo OMC - Optoelectronic Manufacturing Corporation Ltd.

LEDT5 Datasheet(HTML) 3 Page - Optoelectronic Manufacturing Corporation Ltd.

  LEDT5 Datasheet HTML 1Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 2Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 3Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 4Page - Optoelectronic Manufacturing Corporation Ltd. LEDT5 Datasheet HTML 5Page - Optoelectronic Manufacturing Corporation Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The Optoelectronic Manufacturing Corporation
All specifications correct at time of publishing. In the interests of continual improvement, OMC reserve the right
to alter specifications without notice.
(Conditions: Vin = 24VDC, Ta = 25°C)
1 foot, 2 foot, 3 foot, 4 foot, 5 foot
16mm
60°
24V DC
1 foot
2 foot
3 foot
4 foot
5 foot
2.88W
5.76W
8.64W
11.52W
14.4W
321
621
921
1221
1521
120mA
240mA
360mA
480mA
600mA
Daylight
Warm
Daylight
Warm
Daylight
Warm
Daylight
Warm
Daylight
Warm
6500
3500
6500
3500
6500
3500
6500
3500
6500
3500
700
530
1000
750
1000
750
1050
770
1050
770
(Specifications subject to change without notice.)
Note: Fixings not included in above dimensions.
Absolute Maximum Ratings (Ta=25°C where applicable)
Quantity
Rating
Applied voltage
24V DC
Operating Temperature Range
-20°C to +40°C
Temperature Range in Storage
-30°C to +80°C
L
W
Overall dimensions when using
this fixing method:
L = Original length
H = 22mm
W = 19mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com